Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR102PI Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # TR102PI
Description  Output loop produce power supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TR102PI Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  TR102PI Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TR102PI Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TR102PI Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TRx02PI
2013.03.22-A/0
Page 3 of 3
APPLICATION CIRCUIT DIAGRAM
9
10
11
13
14
15
18 ~ 36 V DC
+
+
-
-
Application field
Control cabinet
9
10
11
13
14
15
5
6
1
7
2
8
3
4
485A
RL
RL
Channe2
Channe1
485B
+
-
Channe1 4~20mA
Channe2 4~20mA
3W
2W
Uo
Uo
Note:
1. This diagram is for 2 channels input & 2 channels output model only. Channel 2 of input end is no connection for 1 channel input & 2 channels output model, and
channel 2 of input and output end is no connection for 1 channel input & 1 channel output model.
2. For three-wire RTDs signal input, make sure the equal resistance of three wires as possible as you can;
3. For two-wire RTDs signal input, terminal 10 and 11, 14 and 15 must be short connected.
INSTALLATION & DISASSEMBLY
Installation
DIN35mm standard rail installation:
1.Insert the top of the instrument card in the rail;
2.Push the bottom of the instrument into the rail.
Disassembly
1.Insert a screwdriver between the bottom of the card lock and the rail;
2.Pull up the screwdriver and press the card lock downwards;
3.Pull the instrument out of the rail.
1
2
3
PACKAGING DIMENSION & PACKAGING DIAGRAM
111.00
[4.370]
114.00
[4.488]
22.50
[0.885]
MOR NSUN
Safety-area
Hazardous-area
1
6
4
3
2
7
5
8
10 11
9
13
12
14 15 16
TRX02PI-EX
Inner packaging box dimensions: L*W*H=165*155*40mm
Packaging Quantity: 2pcs
Outer packaging box dimensions: L*W*H=425*175*160mm
Packaging Quantity: 20 pcs
Note:
1. All specifications are measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
2. In this datasheet, all the test setup and methods are based on our corporate standards.
3. All characteristics are meant for listed model, non-standard models may perform differently, you can contact MORNSUN FAE for more details.
4. Contact us for your specific requirement.
5. Specifications are subject to change without prior notice.
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
E-mail: info@mornsun.cn
Http://www.mornsun-power.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com