Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV508LG-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV508LG-G
Description  High Voltage Liquid Crystal Shutter Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV508LG-G Datasheet(HTML) 2 Page - Supertex, Inc

  HV508LG-G Datasheet HTML 1Page - Supertex, Inc HV508LG-G Datasheet HTML 2Page - Supertex, Inc HV508LG-G Datasheet HTML 3Page - Supertex, Inc HV508LG-G Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
HV508
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
Ordering Information
Device
8-Lead SOIC (Narrow Body)
4.90x3.90mm body,
1.75mm height (max)
1.27mm pitch
HV508
HV508LG-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
HV
IN, high voltage input
+60V
LV
IN, low voltage input
+7.5V
V
DD, logic supply voltage
+12V
Operating temperature
-5.0°C to +60°C
Storage temperature
-65°C to +150°C
Soldering temperature1
+300°C
Power dissipation2
700mW
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
Notes:
Distance of 1.6mm from case for 10 seconds.
For operation above 25OC ambient, derate linearly at 6.0mW/OC.
1.
2.
Pin Configuration
1
2
3
4
8
7
6
5
LVIN
POL
HVEN
GND
HVOUT1
HVIN
VDD
HVOUT2
Recommended Operating Conditions
Sym
Parameter
Min
Typ
Max
Units Conditions
V
DD
Logic supply voltage
5.0
-
10.0
V
---
LV
IN
Low output supply voltage
3.0
-
6.0
V
---
HV
IN
High output supply voltage
5.0
-
45
V
---
V
IL
Logic input voltage low
0
-
0.3V
DD
V
---
V
IH
Logic input voltage high
0.7V
DD
-
V
DD
V
---
T
A
Ambient temperature
-5.0
-
+60
°C
---
8-Lead SOIC (LG)
(top view)
Product Marking
8-Lead SOIC (LG)
Y = Last Digit of Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
YWW
HV508
LLLL
Sym
Parameter
Min
Typ
Max
Units Conditions
I
HVQ
HV
IN quiescent current
-
-
10
µA
---
I
LVQ
LV
IN quiescent current
-
-
10
µA
---
I
DDQ
V
DD quiescent current
-
-
10
µA
---
I
HV
HV
IN operating current
-
-
2.8
mA
POL = 100Hz, HV
EN = high, TA = 25
O
C, Load = 1MΩ
in parallel with 0.1µF between HV
OUT1 and HVOUT2
I
LV
LV
IN operating current
-
-
380
µA
POL = 100Hz, HV
EN = low, TA = 25
O
C, Load = 1MΩ
in parallel with 0.1µF between HV
OUT1 and HVOUT2
I
IL
Logic input current low
-5.0
-
-
µA
---
I
IH
Logic input current high
-
-
5.0
µA
---
C
LOAD
Output capacitive load*
0
-
0.25
µF
C
LOAD in parallel with a 1.0MΩ resistor
*
The device can operate continuously in this range without damage. AC limits are not implemented.
DC Electrical Characteristics (over operating supply voltages unless otherwise specified, T
A = -5°C to +60°C)
Package may or may not include the following marks: Si or



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com