Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA0264NLT Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PA0264NLT
Description  SMT GATE DRIVE TRANSFORMERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA0264NLT Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PA0264NLT Datasheet HTML 1Page - Pulse A Technitrol Company PA0264NLT Datasheet HTML 2Page - Pulse A Technitrol Company PA0264NLT Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
114
SPM2007 (6/08)
8X .035
0,89
.280
7,11
.235
5,97
P2033
Date Code
Country of Origin
SUGGESTED PAD LAYOUT
.310
7,87
.180
4,57
.035
0,89
.050
1,27
( (
.150
3,81
( (
18
45
.004/0,10
8 SURFACES
.140
3,57
.010
0,25
.050
1,27
( (
.150
3,81
( (
Weight . . . . . . . . . . . . . .0.48 grams
Tape & Reel . . . . . . . . . . . .900/reel
Tube . . . . . . . . . . . . . . . . . .60/tube
.005/0,13
6 SURFACES
MAX
.160
4,06
PA0173
PA0185
Date Code
Country of Origin
.330
8,38
.250
6,35
.100
2,54
.340
8,64
.460
11,68
SUGGESTED PAD LAYOUT
.070
1,78
.330
8,38
.430
10,92
.025
0,64
.250
6,35
.100
2,54
16
34
SMT GATE DRIVE TRANSFORMERS
1500VDC Basic and Operational Insulation
SUGGESTED PAD LAYOUT
8
1
5
4
.225
5,71
.060
1,52
.100
2,54
.300
7,62
.050
1,27
3
2
14
Part Number
Date Code
Country of Origin
.340 MAX
8,64
3X .100
2,54
.355 MAX
9,02
6
7
85
.300 MAX
7,62
.005/0,13
6 SURFACES
1
8
3
6
4
5
P0544 / PA0297 / PA0510
1
8
4
5
PA0184
Mechanicals
Schematics
P0926
Date Code
Country of Origin
.146
3,71
.315 MAX
8,00
6X .024
0,61
.073
1,85
SUGGESTED
PAD LAYOUT
6
4
1
3
.330
8,38
6X .050
1,27
6X .050
1,27
.023
0,58
5
2
.260 MAX
6,60
.005/0,13
6 SURFACES
.060
1,52
.210 MAX
5,33
1
6
2
5
3
4
Weight . . . . . . . . . . . . . .0.48 grams
Tape & Reel . . . . . . . . . . .1000/reel
Tube . . . . . . . . . . . . . . . . . .80/tube
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
Weight . . . . . . . . . . . . . .0.60 grams
Tape & Reel . . . . . . . . . . . .400/reel
Tube . . . . . . . . . . . . . . . . . .50/tube
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
8
1
4
7
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Weight . . . . . . . . . . . . . .0.29 grams
Tape & Reel . . . . . . . . . . .1200/reel
Tube . . . . . . . . . . . . . . . . . .80/tube
1
6
2
5
3
4
PA0173
1
3
6
4
PA0185
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com