Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAA127STR Datasheet(PDF) 3 Page - IXYS Corporation

Part # PAA127STR
Description  Dual Single-Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PAA127STR Datasheet(HTML) 3 Page - IXYS Corporation

  PAA127STR Datasheet HTML 1Page - IXYS Corporation PAA127STR Datasheet HTML 2Page - IXYS Corporation PAA127STR Datasheet HTML 3Page - IXYS Corporation PAA127STR Datasheet HTML 4Page - IXYS Corporation PAA127STR Datasheet HTML 5Page - IXYS Corporation PAA127STR Datasheet HTML 6Page - IXYS Corporation PAA127STR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
PAA127
www.ixysic.com
3
R03
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
LED Forward Voltage (V)
1.200
1.205
1.210
1.215
1.220
1.225
0
5
10
15
20
25
30
35
40
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
Turn-On Time ( s)
325
350
375
400
425
450
475
0
5
10
15
20
25
Typical Turn-On Time
(N=50, I
F=5mA, IL=100mA)
Turn-Off Time ( s)
100
105
110
115
120
125
130
135
0
5
10
15
20
25
30
Typical Turn-Off Time
(N=50, I
F=5mA, IL=100mA)
LED Forward Current (mA)
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0
5
10
15
20
Typical I
F for Switch Operation
(N=50, I
L=200mA)
On-Resistance ( )
7.1
7.2
7.3
7.4
7.5
7.6
0
5
10
15
20
25
Typical On-Resistance Distribution
(N=50, I
F=3mA, IL=200mA)
Blocking Voltage (V
P)
332
334
336
338
340
342
0
5
10
15
20
Typical Blocking Voltage Distribution
(N=50, I
F=0mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
LED Current (mA)
0
1020
304050
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Typical Turn-On Time
vs. LED Forward Current
(I
L=100mA)
LED Current (mA)
0
1020
304050
0.140
0.145
0.150
0.155
0.160
0.165
Typical Turn-Off Time
vs. LED Forward Current
(I
L=100mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.40
0.45
0.50
0.55
0.60
0.65
Typical I
F for Switch Operation
vs. Temperature
(I
L=200mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
300
350
400
450
500
550
600
650
Typical Turn-On Time vs. Temperature
(I
F=5mA, IL=100mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
50
100
150
200
250
Typical Turn-Off Time vs. Temperature
(I
F=5mA, IL=100mA)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com