Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3040B Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # SC3040B
Description  400.0 MHz Differential Sine-Wave Clock
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SC3040B Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  SC3040B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SC3040B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 1 of 2
©2008 by RF Monolithics, Inc.
SC3040B - 3/27/08
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Output Frequency
Absolute Frequency
fO
1, 2
399.920
400.080
MHz
Tolerance from 400.000 MHz
ΔfO
±200
ppm
Q and Q Output
Power 50
Ω (VSWR ≤ 1.2)
PO
1, 3
0.5
5.5
dBm
Operating Load VSWR
2:1
Symmetry
3, 4, 5
49
51
%
Harmonic Spurious
3, 4, 6
-25
-20
dBc
Nonharmonic Spurious
-60
dBc
Q and Q Period Jitter
No Noise on VCC
3, 4, 6, 7
15
30
psP-P
200 mVP-P from 1 MHz to ½ fO on
3, 4, 7, 8
35
psP-P
Output (Disabled)
Amplitude into 50
Ω
3, 9
75
mVP-P
Output DC Resistance (between Q & Q)
3
100
K
Ω
ENABLE (Terminal 14)
Input HIGH Voltage
VIH
3, 9
VCC-0.1
VCC
VCC+0.1
V
Input LOW Voltage
VIL
0.0
0.20
V
Input HIGH Current
IIH
35
mA
Input LOW Current
IIL
-1
mA
Propagation Delay
tPD
1
ms
DC Power Supply
Operating Voltage
VCC
1, 3
+3.13
+3.30
+3.47
VDC
Operating Current
ICC
18
40
mA
Operating Ambient Temperature
TA
1, 3
0
+70
°C
Lid Symbolization (YY = Year, WW = Week)
RFM SC3040B 400.00 MHz YYWW
• Quartz SAW Frequency Stability
• Fundamental Fixed Frequency
• Excellent Jitter and Symmetry
• Rugged, Miniature, Surface-Mount Case
• Low-Voltage Power Supply (3.3 VDC)
• Directive 2002/95/EC (ROHS) Compliant by June, 2006
This digital clock is designed for use in telecom applications; such as Timing for Terabit Router applications.
Fundamental-mode oscillation is made possible by surface-acoustic-wave (SAW) technology. The design
results in low jitter, compact size, and low power consumption. Differential outputs provide a sine wave that is
made to drive 50
Ω loads.
Absolute Maximum Ratings
Rating
Value
Units
Power Supply Voltage (VCC at Terminal 1)
0 to +4.0
VDC
Input Voltage (ENABLE at Terminal 8)
0 to +4.0
VDC
Case Temperature (Powered or Storage)
-40 to +85
°C
400.0 MHz
Differential
Sine-Wave
Clock
SC3040B
SMC-8 Case
1.
Unless otherwise noted, all specifications include any combination of
load VSWR, VCC, and TA. In addition, Q and Q are terminated into
50
Ω loads to ground. (See: Typical Test Circuit.)
2.
One or more of the following United States patents apply: 4,616,197;
4,670,681; 4,760,352.
3.
The design, manufacturing process, and specifications of this device
are subject to change without notice.
4.
Only under the nominal conditions of 50
Ω load impedance with
VSWR
≤ 1.2 and nominal power supply voltage.
5.
Symmetry is defined as the pulse width (in percent of total period)
measured at the 50% points of Q or Q. (See: Timing Definitions.)
6.
Jitter and other spurious outputs induced by externally generated
electrical noise on VCC or mechanical vibration are not included.
Dedicated external voltage regulation and careful PCB layout are
recommended for optimum performance.
7.
Applies to period jitter of Q and Q. Measurements are made with the
Tektronix CSA803 signal analyzer with at least 1000 samples.
8.
Period jitter measured with a 200 mVP-P sine wave swept from 1 MHz
to one-half of fO at the VCC power supply terminal.
9.
The outputs are enabled when Terminal 8 is at logic HIGH.
Propagation delay is defined as the time from the 50% point on the
rising edge of ENABLE to the 90% point on the rising edge of the
output amplitude or as the fall time from the 50% point to the 10%
point. (SEE: Timing Definitions.)
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
NOTES:


Similar Part No. - SC3040B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SC3040B RFM-SC3040B Datasheet
72Kb / 2P
400.0 MHz Differential Sine-Wave Clock
More results

Similar Description - SC3040B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SC3011B-1 RFM-SC3011B-1 Datasheet
72Kb / 2P
600.0 MHz Differential Sine-Wave Clock
SC3017B RFM-SC3017B Datasheet
72Kb / 2P
400.0 MHz Differential Sine-Wave Clock
SC3040B RFM-SC3040B Datasheet
72Kb / 2P
400.0 MHz Differential Sine-Wave Clock
SC3048B RFM-SC3048B Datasheet
131Kb / 2P
444.0 MHz Differential Sine-Wave Clock
logo
Murata Manufacturing Co...
SC3017B MURATA-SC3017B Datasheet
78Kb / 2P
400.0 MHz Differential Sine-Wave Clock
SC3019B MURATA-SC3019B Datasheet
78Kb / 2P
500.0 MHz Differential Sine-Wave Clock
SC3035B-1 MURATA-SC3035B-1 Datasheet
138Kb / 2P
800.0 MHz Differential Sine-Wave Clock
SC3045B MURATA-SC3045B Datasheet
78Kb / 2P
621.60 MHz Differential Sine-Wave Clock
SC3048B MURATA-SC3048B Datasheet
103Kb / 2P
444.0 MHz Differential Sine-Wave Clock
SC3053B MURATA-SC3053B Datasheet
102Kb / 2P
750.0 MHz Differential Sine-Wave Clock
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com