Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXR7-SW65 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LXR7-SW65
Description  High Flux Density and Efficacy
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LXR7-SW65 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LXR7-SW65 Datasheet HTML 17Page - NXP Semiconductors LXR7-SW65 Datasheet HTML 18Page - NXP Semiconductors LXR7-SW65 Datasheet HTML 19Page - NXP Semiconductors LXR7-SW65 Datasheet HTML 20Page - NXP Semiconductors LXR7-SW65 Datasheet HTML 21Page - NXP Semiconductors LXR7-SW65 Datasheet HTML 22Page - NXP Semiconductors LXR7-SW65 Datasheet HTML 23Page - NXP Semiconductors LXR7-SW65 Datasheet HTML 24Page - NXP Semiconductors LXR7-SW65 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LUXEONMDatasheetDS10320140714©2014PhilipsLumiledsLightingCompany.
20
Emitter Reel Packaging
13.00mm ARBOR
HOLE DIAMETER
330.00 REEL DIAMETER
DIRECTION OF FEED
CARRIER TAPE
COVER TAPE
TAPE REEL
20.8mm OUTSIDE WIDTH
16.4mm INSIDE WIDTH
Figure 19. Emitter reel packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com