Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSPE510DS Datasheet(PDF) 2 Page - AAEON Technology

Part # NSPE510DS
Description  SPECIFICATIONS FOR NICHIA BLUISH-GREEN LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

NSPE510DS Datasheet(HTML) 2 Page - AAEON Technology

  NSPE510DS Datasheet HTML 1Page - AAEON Technology NSPE510DS Datasheet HTML 2Page - AAEON Technology NSPE510DS Datasheet HTML 3Page - AAEON Technology NSPE510DS Datasheet HTML 4Page - AAEON Technology NSPE510DS Datasheet HTML 5Page - AAEON Technology NSPE510DS Datasheet HTML 6Page - AAEON Technology NSPE510DS Datasheet HTML 7Page - AAEON Technology NSPE510DS Datasheet HTML 8Page - AAEON Technology NSPE510DS Datasheet HTML 9Page - AAEON Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
-1-
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ta=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
30
mA
Pulse Forward Current
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
120
mW
Operating Temperature
Topr
-30 ~ + 85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Soldering Temperature
Tsld
265°C for 10sec.
IFP Conditions : Pulse Width
≤ 10msec. and Duty ≤ 1/10
(2) Initial Electrical/Optical Characteristics
(Ta=25°C)
Item
Symbol
Condition
Typ.
Max.
Unit
Forward Voltage
VF
IF=10[mA]
(3.5)
4.0
V
Reverse Current
IR
VR= 5[V]
-
50
µA
Luminous Intensity
Iv
IF=10[mA]
(5200)
-
mcd
x
-
IF=10[mA]
0.085
-
-
Chromaticity Coordinate
y
-
IF=10[mA]
0.490
-
-
Please refer to CIE 1931 chromaticity diagram.
(3) Ranking
(Ta=25°C)
Item
Symbol
Condition
Min.
Max.
Unit
Rank W
Iv
IF=10[mA]
6400
9200
mcd
Rank V
Iv
IF=10[mA]
4600
6400
mcd
Luminous Intensity
Rank U
Iv
IF=10[mA]
3200
4600
mcd
Luminous Intensity Measurement allowance is ± 10%.
Color Ranks
(IF=10mA,Ta=25°C)
Rank C
Rank D
x
0.04
0.04
0.12
0.12
x
0.05
0.05
0.13
0.13
y
0.39
0.49
0.49
0.39
y
0.48
0.58
0.58
0.48
Rank E
Rank F
x
0.06
0.06
0.14
0.14
x
0.09
0.09
0.17
0.17
y
0.55
0.65
0.65
0.55
y
0.60
0.70
0.70
0.60
Color Coordinates Measurement allowance is ± 0.012.
Basically, a shipment shall consist of the LEDs of a combination of the above ranks.
The percentage of each rank in the shipment shall be determined by Nichia.
Nichia STS-DA1-0098
<Cat.No.080222>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com