Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA3629AV Datasheet(PDF) 5 Page - Fuji Electric

Part # FA3629AV
Description  For Switching Power Supply Control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA3629AV Datasheet(HTML) 5 Page - Fuji Electric

  FA3629AV Datasheet HTML 1Page - Fuji Electric FA3629AV Datasheet HTML 2Page - Fuji Electric FA3629AV Datasheet HTML 3Page - Fuji Electric FA3629AV Datasheet HTML 4Page - Fuji Electric FA3629AV Datasheet HTML 5Page - Fuji Electric FA3629AV Datasheet HTML 6Page - Fuji Electric FA3629AV Datasheet HTML 7Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FA3629AV
5
s Characteristic curves (Ta=25
°C)
Supply current (ICC) vs oscillation frequency (fOSC)
Oscillation frequency (fOSC) vs. timing capactior(CT)
fosc [kHZ]
0
2
4
6
800k
200k
500k
VCC=2.5V
VCC=3.0V
VCC=5.0V
VCC=6.0V
Oscillation frequency (fOSC) vs. ambient temperature (Ta)
Max. on duty cycle vs. oscillation frequency (fOSC)
Ta [
°C]
450
500
550
600
650
700
400
0
25
50
75
100
25
Oscillation peak voltage vs. timing capactior(CT)
Error amplifier voltage gain (Av) /phase vs.
frequency (f)
Condition: Open loop
CT [pF]
0
1
2
1000
100
500
Maximum peak voltage
Minimum peak voltage
CT [pF]
100
1000
1000
100
fosc [kHz]
100
1000
500
70
80
90
100
CH.1, 2
CH. 3
f [HZ]
100
1K
10K
100K
1M
10M
0
0
30
60
90
120
180
150
10
20
30
40
50
60
70
80
90
100
– 30
– 30
– 60
– 20
– 10
Av
Phase



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com