Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA5305AP Datasheet(PDF) 5 Page - Fuji Electric

Part # FA5305AP
Description  Bipolar IC For Switching Power Supply Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5305AP Datasheet(HTML) 5 Page - Fuji Electric

  FA5305AP Datasheet HTML 1Page - Fuji Electric FA5305AP Datasheet HTML 2Page - Fuji Electric FA5305AP Datasheet HTML 3Page - Fuji Electric FA5305AP Datasheet HTML 4Page - Fuji Electric FA5305AP Datasheet HTML 5Page - Fuji Electric FA5305AP Datasheet HTML 6Page - Fuji Electric FA5305AP Datasheet HTML 7Page - Fuji Electric FA5305AP Datasheet HTML 8Page - Fuji Electric FA5305AP Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
FA5304AP(S)/FA5305AP(S)
Fig. 1 Configuration with error amplifier
Fig. 2 Configuration with optocoupler (FB pin input)
Fig. 3 PWM comparator
Fig. 4 PWM comparator timing chart
s Description of each circuit
1. Oscillator (See block diagram on page 8.)
The oscillator generates a triangular waveform by charging
and discharging a capacitor. CT pin voltage oscillates
between an upper limit of approx. 3.0V and a lower limit of
approx. 1.0V. The oscillation frequency is determined by a
external capacitance CT connected to CT pin, and
approximately given by the following equation:
..................(1)
The recommended oscillation range is between 5k and
600kHz.
The oscillator output is connected to a PWM comparator.
2. Feedback circuit
Figure 1 gives an example of connection in which built-in error
amplifier is used to couple the feedback signal to IN(-) pin. Let n2
be the number of turns of secondary winding L2 and n3 be the
number of turns of tertiary winding L3. VCC and Vout are given by
Vcc= 2(V)•(R1+R2)/R2....................................(2)
VOUT (n2/n3)•(Vcc+VD3)–VD2........................(3)
(where VD2 and VD3 are the forward voltage drops across diodes D2
and D3 respectively).
Here, the following equation must be satisfied to prevent from
the malfunction of OUT pin at shutdown.
(R1•R2)/ (R1+R2)
Œ11kΩ...............................(4)
Figure 2 gives an example of connection in which an
optocoupler is used to couple the feedback signal to the FB
pin. If this circuit causes power supply instability, the frequency
gain can be decreased by connecting R4 and C4 as shown in
figure 2. R4 should be between several tens of ohms to
several kiloohms and C4 should be between several thousand
picofarads to one microfarads.
3. PWM comparator
The PWM comparator has four inputs as shown in Figure 3.
Oscillator output x is compared with CS pin voltage , FB pin
Ž, and DT voltage {. The lowest of three inputs , Ž, and {
is compared with output x. If it is lower than the oscillator
output, the PWM comparator output is high, and if it is higher
than the oscillator output, the PWM comparator output is low
(see Fig. 4).
The IC output voltage is high during when the comparator
output is low, and the IC output voltage is low during when the
comparator output is high.
When the IC is powered up, CS pin voltage  controls soft
start operation. The output pulse then begins to widen
gradually. During normal operation, the output pulse width is
determined within the maximum duty cycle (FA5304A,
FA5305A: 45%) set by DT voltage { under the condition set
by feedback signal Ž, to stabilize the output voltage.
CT (pF)
f (kHZ) =
4.8 • 104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com