Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA5331P Datasheet(PDF) 6 Page - Fuji Electric

Part # FA5331P
Description  Bipolar IC For Power Factor Correction
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5331P Datasheet(HTML) 6 Page - Fuji Electric

Back Button FA5331P Datasheet HTML 2Page - Fuji Electric FA5331P Datasheet HTML 3Page - Fuji Electric FA5331P Datasheet HTML 4Page - Fuji Electric FA5331P Datasheet HTML 5Page - Fuji Electric FA5331P Datasheet HTML 6Page - Fuji Electric FA5331P Datasheet HTML 7Page - Fuji Electric FA5331P Datasheet HTML 8Page - Fuji Electric FA5331P Datasheet HTML 9Page - Fuji Electric FA5331P Datasheet HTML 10Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
FA5331P(M)/FA5332P(M)
3. Current error amplifier and overcurrent limiting circuit
The current error amplifier forms a current loop to change the
input circuit current into sinusoidal waves. As Fig. 3 shows, the
multiplier output is connected to pin 2 (IIN –) through a resistor
(RA) to input the reference current signal. Pin 16 (IDET) is a
current input terminal. Design the circuit so that the voltage at
pin 16 will be within the range from 0 (GND potential) to –1.0V.
Connect a phase correction resistor and capacitors across pin
1 (amplifier output) and pin 2. See Fig. 4 for the expected gain
characteristics of the circuit shown in Fig. 3.
Here,
Z =
1
2
π R5 • C3
.................................................. (5)
p =
1
2
π R5 • C
............................................. (6)
C =
C2 • C3
C2 + C3
The voltage gain (G1) between Z and P of the circuit (gain
between pins 16 and 1) is given as follows:
G1 = 20 • log10 { 0.75 (
R5
RA
+ 1) }
.................... (7)
Ensure an adequate phase margin by selecting C1 and C2 so
that the p/z ratio is about 10. The current error amplifier output
is used as an input to the comparator for PWM.
The overcurrent detection comparator (C2) limits an
overcurrent. The threshold voltage for overcurrent detection at
pin 16 is –1.15V for FA5331 and –1.10V for FA5332. Connect
noise filters Rn and Cn to prevent the voltage at pin 16 from
fluctuating due to noise, causing the comparator to malfunction.
For Rn, select a resistor of up to 100
Ω for FA5331 and up to
27
Ω for FA5332. (See P64, 4. No-load operation )
4. Comparator for PWM
Figure 5 shows the comparator for PWM. When the oscillator
output (Va) is smaller than the current error amplifier output
(Vc), the comparator output is high and the output ON signal is
generated at pin 8. Pin 11 (CS) is a terminal for soft start. This
terminal charges capacitor C4 with the internal constant current
(10
µA) for a soft start. Priority is given to Vb and Vc whichever
is lower.
5. Multiplier
The multiplier generates a reference current signal. Input a
fully rectified sinusoidal signal voltage into pin 3 (VDET).
Design the circuit to keep the peak voltage at pin 3 within a
range from 0.65V to 2V for FA5331 and 0.65V to 2.4V for
FA5332. The multiplier output voltage (Vm) is roughly given as
follows (see Fig. 6):
Vm = 1.25 – (Ve –1.55) • Vs .................................... (8)
As Fig. 3 shows Vm is internally connected to pin 2 (IIN–) of the
current error amplifier A2 through a 10k
Ω resistor. (See the
characteristic curve, page 66 for the input and output
characteristics of the multiplier.)
Fig. 6 Multiplier
Fig. 4 Voltage gain-frequency
Fig. 3 Current error amplifier and overcurrent limiting circuit
Fig. 5 PWM comparator
PWM
VREF
_
+
A2
F.F
Vocp
2
1
4
16
Rn
Cn
RC
5k
RB
15k
5V
C2
C3
C2
Vm
RA
10k
R5
comparator
Current
detection
MUL
CURR.AMP
OPC
G1
(dB)
Voltage gain
ZP
Frequency
R7
Ve
ER.AMP(A1) output
Vs
Vm
VIN
R6
3
MUL
C4
Vb
10
µA
CS
C3
Oscillator output Va
PWM comparator
CURR.AMP(A2) output Vc
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com