Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5030 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5030
Description  100V Push-Pull Current Mode PWM Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5030 Datasheet(HTML) 1 Page - Texas Instruments

  LM5030 Datasheet HTML 1Page - Texas Instruments LM5030 Datasheet HTML 2Page - Texas Instruments LM5030 Datasheet HTML 3Page - Texas Instruments LM5030 Datasheet HTML 4Page - Texas Instruments LM5030 Datasheet HTML 5Page - Texas Instruments LM5030 Datasheet HTML 6Page - Texas Instruments LM5030 Datasheet HTML 7Page - Texas Instruments LM5030 Datasheet HTML 8Page - Texas Instruments LM5030 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
2
3
4
5
6
7
8
9
10
VFB
VCC
OUT1
VIN
COMP
OUT2
GND
CS
RT
SS
LM5030
www.ti.com
SNVS215B – MAY 2004 – REVISED MARCH 2005
LM5030 100V Push-Pull Current Mode PWM Controller
Check for Samples: LM5030
1
FEATURES
DESCRIPTION
The LM5030 High Voltage PWM controller contains
2
•
Internal High Voltage Start-up Regulator
all of the features needed to implement Push-Pull and
•
Single Resistor Oscillator Setting
Bridge topologies, using current-mode control in a
•
Synchronizable
small 10 pin package. This device provides two
alternating gate driver outputs. The LM5030 includes
•
Error Amplifier
a high-voltage start-up regulator that operates over a
•
Precision Reference
wide input range of 14V to 100V. Additional features
•
Adjustable Softstart
include: error amplifier, precision reference, dual
mode current limit, slope compensation, softstart,
•
Dual Mode Over-Current Protection
sync capability and thermal shutdown. This high
•
Slope Compensation
speed IC has total propagation delays less than
•
Direct Optocoupler Interface
100ns and a 1MHz capable single resistor adjustable
oscillator.
•
1.5A Peak Gate Drivers
•
Thermal Shutdown
Package:
VSSOP-10
and
thermally
enhanced
WSON-10 (4mm x 4mm).
APPLICATIONS
•
Telecommunication Power Converters
•
Industrial Power Converters
•
+42V Automotive Systems
Connection Diagram
Figure 1. Top View
10-Lead VSSOP, WSON
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5030

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5030 NSC-LM5030 Datasheet
230Kb / 11P
100V Push-Pull Current Mode PWM Controller
LM5030 NSC-LM5030 Datasheet
642Kb / 12P
100V Push-Pull Current Mode PWM Controller
logo
Texas Instruments
LM5030 TI1-LM5030 Datasheet
1Mb / 28P
100V Push-Pull Current Mode PWM Controller
LM5030 TI2-LM5030 Datasheet
974Kb / 32P
LM5030 100-V Push-Pull Current Mode PWM Controller
REVISED NOVEMBER 2015
logo
National Semiconductor ...
LM5030MM NSC-LM5030MM Datasheet
230Kb / 11P
100V Push-Pull Current Mode PWM Controller
More results

Similar Description - LM5030

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5030 NSC-LM5030 Datasheet
230Kb / 11P
100V Push-Pull Current Mode PWM Controller
LM5033 NSC-LM5033 Datasheet
295Kb / 16P
100V Push-Pull Voltage Mode PWM Controller
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
100V Current Mode PWM Controller
LM5020 NSC-LM5020_06 Datasheet
629Kb / 13P
100V Current Mode PWM Controller
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
100V Push-Pull Current Mode PWM Controller
LM5033 NSC-LM5033_05 Datasheet
712Kb / 17P
100V Push-Pull Voltage Mode PWM Controller
logo
Texas Instruments
LM5033 TI1-LM5033_14 Datasheet
1Mb / 23P
100V Push-Pull Voltage Mode PWM Controller
LM5030 TI-LM5030_15 Datasheet
966Kb / 28P
LM5030 100-V Push-Pull Current Mode PWM Controller
LM5033 TI-LM5033_15 Datasheet
1Mb / 24P
100V Push-Pull Voltage Mode PWM Controller
LM5030 TI1-LM5030_15 Datasheet
1Mb / 28P
100V Push-Pull Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com