Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F00002 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # F00002
Description  POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

F00002 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  F00002 Datasheet HTML 1Page - Solid States Devices, Inc F00002 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
V
40
-
V(BR)DSS
Drain - Source Breakdown Voltage
(VGS = 0V, ID = 250µA)
nA
-
E
100
Gate - Emitter Leakage Current
(VDS = 0V, VGS = +20V)
µµµµµA
-
-
1
50
IDSS
Zero Gate Voltage Drain Current
(VDS = 40V, VGS = 0V)
70
-
ID(on)
On-State Drain Current *
(VDS = 5V, VGS = 10V)
S
20
-
gfs
MIN
MAX
ELECTRICAL CHARACTERISTICS 4/
SYMBOL
UNITS
-pF
Output Capacitance
-
Coss
VDD = 15V, ID = 70A,
VGEN = 10V,
RL = 0.2Ω, RG = 2.5Ω
Turn-On Delay Time
td(on)
30
nsec
IGSS
-
NOTES:
* Pulse Test: Pulse Width = 300us, Duty Cycle = 2%
1/ For Ordering Information, Price, and Availability, Contact Factory.
2/ Screening per MIL-PRF-19500.
3/ For Package Outlines Contact Factory.
4/ All Electrical Characteristics @25oC, Unless Otherwise Specified.
5/ Current Limited by Package, Die Rated at 70A
SFF70N04
SERIES
Reverse Transfer Capacitance
-
Crss
Turn-Off Delay Time
Rise Time
tr
30
nsec
td(off)
100
nsec
-
-
V
13
Gate Threshold Voltage
(VDS = VGS, IDS = 250µA)
VGS (th)
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Available Part Numbers:
SFF70N04S.5
A
Forward Transconductance *
(VDS = 15V, ID = 30A)
-pF
Fall Time
tf
60
nsec
-
-
-
-
-
-
57
TYP
600
14
160
12
58
-
30
TJ = 25
oC
TJ = 125
oC
Reverse Diode Forward Voltage Drop
(IF = 70A, VGS = 0V)
-
VF
1.5
V
1.0
Reverse Diode Reverse Recovery Time
(IF = 70A, di/dt = 100A/µs)
-
tRR
100
nsec
50
-
-
-
-
0.010
0.017
0.014
0.024
RDS(on)
Drain-Source On-State Resistance *
VGS = 10V, ID = 30A
VGS = 4.5V, ID = 20A
Ω
Ω
Ω
Ω
Ω
0.008
0.014
0.011
0.019
TJ = 25
oC
TJ = 125
oC
TJ = 25
oC
TJ = 125
oC
-pF
Input Capacitance
-
Ciss
2700
VDS = 25V,
VGS = 0V,
f = 1MHz
-nC
Gate - Source Charge
-
Qgs
Gate - Drain Charge
-
Qgd
-nC
10
9
100
nC
Total Gate Charge
-
Qg
50
VDS = 15V,
VGS = 10V,
ID = 70A
PIN ASSIGNMENT
Source
Gate
Drain
PACKAGE
Pin 3
Pin 2
Pin1
SMD.5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com