Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA17358ARP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HA17358ARP
Description  Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17358ARP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HA17358ARP Datasheet HTML 4Page - Renesas Technology Corp HA17358ARP Datasheet HTML 5Page - Renesas Technology Corp HA17358ARP Datasheet HTML 6Page - Renesas Technology Corp HA17358ARP Datasheet HTML 7Page - Renesas Technology Corp HA17358ARP Datasheet HTML 8Page - Renesas Technology Corp HA17358ARP Datasheet HTML 9Page - Renesas Technology Corp HA17358ARP Datasheet HTML 10Page - Renesas Technology Corp HA17358ARP Datasheet HTML 11Page - Renesas Technology Corp HA17358ARP Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HA17358A Series
Rev.2, May 2001, page 7 of 7
Solder Mounting Method
1. Small and light surface-mount packages require spicial attentions on solder mounting.
On solder mounting, pre-heating before soldering is needed.
The following figure show an example of infrared rays refow.
2. The difference of thermal expansion coefficeient between mounted substrates and IC leads may cause a
failure like solder peeling or soler wet, and electrical characteristics may change by thermal stress.
Therefore, mounting should be done after sufficient confirmation for especially in case of ceramic
substrates.
140 to 160
°C
1 to 5
°C/s
235
°C Max
10 s Max
1 to 4
°C/s
Time (s)
≅ 60 s
Figure 1 An Example of Infrared Rays Reflow Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com