Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFBR-RXXYYY Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-RXXYYY
Description  Plastic Optical Fiber Cable and Accessories for Versatile Link
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-RXXYYY Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-RXXYYY Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-RXXYYY Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-RXXYYY Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-RXXYYY Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-RXXYYY Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-RXXYYY Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-RXXYYY Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-RXXYYY Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-RXXYYY Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
HFBR-4526
, HFBR-4525
HFBR-4525
Plastic Fiber Connector Styles
Connector Description
Fourconnectorstylesareavailableforterminationofplastic
opticalfiber:simplex,simplexlatching,duplexandduplex
latching.Allconnectorsprovideasnap-inactionwhen
matedtoVersatileLinkcomponents.Simplexconnectors
arecolorcodedtofacilitateidentificationoftransmitter
andreceiverconnections.Duplexconnectorsarekeyed
sothatproperorientationisensuredduringinsertion.If
thePOFcable/connectorwillbeusedatextremeoperat-
ingtemperaturesorexperiencefrequentandwidetem-
peraturecyclingeffects,thecable/connectorattachment
canbestrengthenedwithanRTVadhesive(seePlastic
ConnectoringInstructionsformoredetail).Theconnectors
aremadeofaflameretardantVALOXUL94V-0material
(ULfile#E121562).
SIMPLEX CONNECTOR STYLES
HFBR-4501/4511 – Simplex
DUPLEX CONNECTOR STYLES
HFBR-4506 – Duplex
Thesimplexconnectorprovidesaquickandstableconnec-
tionforapplicationsthatrequireacomponent-to-connec-
torretentionforceof8Newtons(1.8lb.).Theseconnectors
areavailableingray(HFBR-4501)orblue(HFBR-4511).
HFBR-4503/4513 – Simplex Latching
Thesimplexlatchingconnectorisdesignedforrugged
applicationsrequiringagreaterretentionforce—80New-
tons(18lb.)—thanprovidedbyasimplexnonlatching
connector.Wheninsertingthesimplexlatchingconnector
intoamodule,theconnectorlatchmechanismshouldbe
alignedwiththetopsurfaceofthehorizontalmodules,
orwiththetallverticalsideoftheverticalmodules.Mis-
alignmentofaninsertedlatchingconnectorintoeither
modulewillnotresultinapositivelatch.Theconnectoris
releasedbydepressingtherearsectionoftheconnector
lever,andthenpullingtheconnectorassemblyawayfrom
themodulehousing.
Thesimplexlatchingconnectorisavailableingray(HFBR-
4503)orblue(HFBR-4513).
Duplex connectors provide convenient duplex cable
terminationandarekeyedtopreventincorrectinsertion
intoduplexconfiguredmodules.Theduplexconnectoris
compatiblewithdualcombinationsofhorizontalorvertical
VersatileLinkcomponents(e.g.,twohorizontaltransmit-
ters,twoverticalreceivers,ahorizontaltransmitterwitha
horizontalreceiver,etc.).Theduplexnon-latchingconnec-
torisavailableinparchment,off-white(HFBR-4506).
HFBR-4516 – Duplex Latching
The duplex latching connector is designed for rugged
applications requiring greater retention force than the
nonlatchingduplexconnector.Wheninsertingtheduplex
latching connector into a module, the connector latch
mechanismshouldbealignedwiththetopsurfaceofthe
dualcombinationofhorizontalorverticalVersatileLink
components.Theduplexlatchingconnectorisavailable
ingray(HFBR-4516).
Feedthrough/Splice
HFBR-4505/4515 Bulkhead Adapter
TheHFBR-4505/4515adaptermatestwosimplexconnec-
torsforpanel/bulkheadfeedthroughofHFBR-4501/4511
terminatedplasticfibercable.Maximumpanelthickness
is4.1mm(0.16inch).Thisadaptercanserveasacablein-
linespliceusingtwosimplexconnectors.Theadaptersare
availableingray(HFBR-4505)andblue(HFBR-4515).This
adapterisnotcompatiblewithPOFduplex,POFsimplex
latching,orHCSconnectors.
DUPLEX
CRIMP RING
HFBR-4526



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com