Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JAN Datasheet(PDF) 2 Page - Microsemi Corporation

Part # JAN
Description  NPN HIGH POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JAN Datasheet(HTML) 2 Page - Microsemi Corporation

  JAN Datasheet HTML 1Page - Microsemi Corporation JAN Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N3902, 2N5157 JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(3) (con’t)
Forward-Current Transfer Ratio
IC = 0.5 Adc; VCE = 5.0 Vdc
IC = 1.0 Adc; VCE = 5.0 Vdc
IC = 2.5 Adc; VCE = 5.0 Vdc
IC = 3.5 Adc; VCE = 5.0 Vdc
hFE
25
30
10
5
90
Collector-Emitter Sustaining Voltage
IC = 100 mAdc
2N3902
2N5157
VCEO(sus)
325
400
Vdc
DYNAMIC CHARACTERISTICS
Small-Signal Short-Circuit Forward Current Transfer Ratio
IC = 0.2 Adc; VCE = 10 Vdc, f = 1 MHz
h
fe
2.5
25
Output Capacitance
VCB = 10 Vdc; IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
250
pF
SWITCHING CHARACTERISTICS
Turn-On Time
VCC = 125 Vdc; IC = 1.0 Adc; IB1= 0.1 Adc
ton
0.8
µs
Turn-Off Time
VCC = 125 Vdc; IC = 1.0 Adc; IB1 = 0.1 Adc; -IB2 = 0.50 Adc
toff
1.7
µs
SAFE OPERATING AREA
DC Tests (continuous)
TC = +25
0C; t
≥ 1.0 s (See Figure 3 of MIL-PRF-19500/371)
Test 1
VCE = 28.6 Vdc, IC = 3.5 Adc
Test 2
VCE = 70 Vdc, IC = 1.43 Adc
Test 3
VCE = 325 Vdc, IC = 55 mAdc
2N3902
VCE = 400 Vdc, IC = 35 mAdc
2N5157
Switching Tests
Load condition C (unclamped inductive load)
TC = 25
0C; duty cycle
≤ 10%; R
S = 0.1 Ω
(See Figure 4 of MIL-PRF-19500/371)
Test 1
tP = approximately 3 ms (vary to obtain IC); RBB1 = 20 Ω; VBB1 = 10 Vdc; RBB2 = 3 kΩ;
VBB2 = 1.5 Vdc; VCC = 50 Vdc; IC = 3.5 Adc; L = 60 mH; R = 3 Ω; RL ≤ 14Ω.
Test 2
tP = approximately 3 ms (vary to obtain IC); RBB1 = 100 Ω; VBB1 = 10 Vdc; RBB2 = 3 kΩ;
VBB2 = 1.5 Vdc; IC = 0.6 Adc VCC = 50 Vdc; L = 200 mH; R = 8 Ω; RL ≤ 83Ω.
Switching Tests
Load condition (clamped inductive load)
TC = +25
0C; duty cycle
≤ 10%.
(See Figure 5 of MIL-PRF-19500/371)
Test 1
tP = approximately 30 ms (vary to obtain IC); RS = 0.1 Ω; RBB1 = 20 Ω; VBB1 = 10 Vdc; RBB2 = 100 Ω;
VBB2 = 1.5 Vdc; VCC = 50 Vdc; IC = 3.5 Adc; L = 60 mH; R = 3 Ω; RL ≥ 0Ω.
(A suitable clamping circuit or diode can be used.)
Clamp Voltage = 400 +0, -5 Vdc
2N3902
Clamp Voltage = 500 +0, -5 Vdc
2N5157
(Clamped voltage must be reached)
3.) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com