Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA2S2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KA2S2
Description  Electrical accessories
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KA2S2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KA2S2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UL FORMULA Molded Case Circuit Breakers - 3.13
SOR-C/UVR-C
SOR-C/UVR-C
Two-pole circuit breaker
Three-pole circuit breaker
Accessories
Electrical accessories
Shunt Opening Release - SOR-C
A1-A2
SOR-C 12 Vdc
KA2S9
SOR-C 24-30 Vac/dc
KA2S8
SOR-C 48-60 Vac/dc
KA2S7
SOR-C 110-127Vac-110-125Vdc
KA2S4
SOR-C 220-240Vac-220-250Vdc
KA2S2
Undervoltage Release - UVR-C
A1-A2
UVR-C 12 Vdc
KA2U9
UVR-C 24-30 Vac/dc
KA2U8
UVR-C 48 Vac/dc
KA2U7
UVR-C 60 Vac/dc
KA2U5
UVR-C 110-127Vac-110-125Vdc
KA2U4
UVR-C 220-240Vac-220-250Vdc
KA2U2


Similar Part No. - KA2S2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA2S0680 FAIRCHILD-KA2S0680 Datasheet
139Kb / 8P
SPS
KA2S0680B FAIRCHILD-KA2S0680B Datasheet
89Kb / 12P
Fairchild Power Switch(SPS)
KA2S0680B-TU FAIRCHILD-KA2S0680B-TU Datasheet
89Kb / 12P
Fairchild Power Switch(SPS)
KA2S0680B-YDTU FAIRCHILD-KA2S0680B-YDTU Datasheet
89Kb / 12P
Fairchild Power Switch(SPS)
KA2S0765 FAIRCHILD-KA2S0765 Datasheet
111Kb / 10P
Fairchild Power Switch(FPS)
More results

Similar Description - KA2S2

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
Accessories
logo
TDK Electronics
B65840H1106T001 TDK-B65840H1106T001 Datasheet
269Kb / 5P
Accessories
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
Accessories
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
Accessories
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
Accessories
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com