Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD7S019 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPD7S019
Description  7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD7S019 Datasheet(HTML) 2 Page - Texas Instruments

  TPD7S019 Datasheet HTML 1Page - Texas Instruments TPD7S019 Datasheet HTML 2Page - Texas Instruments TPD7S019 Datasheet HTML 3Page - Texas Instruments TPD7S019 Datasheet HTML 4Page - Texas Instruments TPD7S019 Datasheet HTML 5Page - Texas Instruments TPD7S019 Datasheet HTML 6Page - Texas Instruments TPD7S019 Datasheet HTML 7Page - Texas Instruments TPD7S019 Datasheet HTML 8Page - Texas Instruments TPD7S019 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
VCC_VIDEO
VSYNC
VCC_DDC
BYP
GND
VIDEO1
DDC_IN1
DDC_IN2
DDC_OUT1
DDC_OUT2
VIDEO2
VIDEO3
SYNC_IN1
SYNC_OUT1
SYNC_IN2
SYNC_OUT2
RT
RT
TPD7S019
SLLSE33B – AUGUST 2010 – REVISED DECEMBER 2012
www.ti.com
DESCRIPTION/ORDERING INFORMATION
The TPD7S019 is an integrated 7-channel ESD solution for the VGA or DVI-I port connector. This device
integrates ESD protection for all signals, level shifting for the DDC signals and buffering for the SYNC signals.
Three individual supply lines control the power rails of the VIDEO, DDC and SYNC channels to facilitate
interfacing with low voltage video controller ICs in mixed supply-voltage environments.
Two non-inverting drivers provide buffering for the HSYNC and VSYNC signals from the video controller IC
(SYNC1, SYNC2). These buffers accept TTL input levels and convert them to CMOS output levels that swing
between Ground and VCC_SYNC, which is typically 5 V. Additionally, each driver has a series termination
resistor (RT) connected to the SYNC_OUT pin, eliminating the external termination resistors typically required for
the HSYNC and VSYNC lines of the video cable. At the SYNC output the TPD7S019 offers a 15-
Ω series
termination resistor to match transmission line impedances.
Two N-channel MOSFETs provide the level shifting function required when the DDC controller is operated at a
lower supply voltage than the monitor. The gate terminals for the MOSFETs (VCC_DDC) should be connected to
the supply rail (typically 3.3 V) that supplies power to the transceivers of the DDC controller.
The TPD7S019 confirms the IEC61000-4-2 (Level 4) system level ESD protection and ±15KV HBM ESD
protection. This device is offered in space-saving 16-pin DBQ and 16-pin RSV packages.
The TPD7S019 is characterized for operation over ambient air temperature of –40°C to 85°C.
CIRCUIT DIAGRAM
TERMINAL FUNCTIONS
TERMINAL
NO.
TYPE
DESCRIPTION
NAME
DBQ
RSV
BYP
Bypass pin. Using a 0.2 µF bypass capacitor will increase the ESD robustness of the
8
6
Power
system.
2
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: TPD7S019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com