Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC211 Datasheet(PDF) 1 Page - Fuji Electric

Part # SC211
Description  FAST RECOVERY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

SC211 Datasheet(HTML) 1 Page - Fuji Electric

  SC211 Datasheet HTML 1Page - Fuji Electric SC211 Datasheet HTML 2Page - Fuji Electric SC211 Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SC211 (0.8A)
( 200V to 400V / 0.8A )
FAST RECOVERY DIODE
Outline drawings, mm
Features
Surface mount device
High voltage by mesa design
High reliability
Applications
High speed switching
Maximum ratings and characteristics
Absolute maximum ratings
Item
Repetitive peak reverse voltage
Non-repetitive peak reverse voltage
Average output current
Surge current
Operating junction temperature
Storage temperature
Symbol
VRRM
VRSM
IO
IFSM
Tj
Tstg
Conditions
Sine wave 10ms
30
-40 to +140
-40 to +140
Unit
V
V
A
A
°C
°C
Electrical characteristics (Ta=25°C Unless otherwise specified )
Item
Forward voltage drop
Reverse current
Reverse recovery time
Thermal resistance
Symbol
VFM
IRRM
t rr
Rth(j-a)
Conditions
IFM=0.8A
VR=VRRM
IF=0.1A, IR=0.1A
Junction to ambient
10
400
120*
Unit
V
µA
ns
°C/W
Resisitive load (Ta=25°C)
Rating
-02
-04
0.8*
200
400
200
400
Max.
1.05
Marking
3±0.2
5.1-0.1
+0.4
1.35±0.4
1.2±0.2
1.35±0.4
2 MIN.
Marking
GF
Cathode mark
Type name code
SC211-2
GF
SC211-4
GG
Code
Lot. No
*Mounted to glass fabric base epoxy resin printed circuits, land (15mm x 15mm)


Similar Part No. - SC211

ManufacturerPart #DatasheetDescription
logo
VITALCONN ELECTRONICS H...
SC211 VITALCONN-SC211 Datasheet
272Kb / 3P
SFP2*1 CAGECONN
logo
Semtech Corporation
SC21150 SEMTECH-SC21150 Datasheet
1Mb / 20P
Tiny 1.2A Synchronous Buck Regulator
SC21150ACSTRT SEMTECH-SC21150ACSTRT Datasheet
1Mb / 20P
Tiny 1.2A Synchronous Buck Regulator
SC21150EVB SEMTECH-SC21150EVB Datasheet
1Mb / 20P
Tiny 1.2A Synchronous Buck Regulator
logo
Gennum Corporation
SC21152 GENNUM-SC21152 Datasheet
1Mb / 18P
Adaptive On-Time architecture
More results

Similar Description - SC211

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com