Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMW-CL25 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMW-CL25
Description  0.25mm White Leadframe-Based Surface Mount ChipLED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMW-CL25 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMW-CL25 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMW-CL25 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMW-CL25 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMW-CL25 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMW-CL25 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMW-CL25 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Package Dimensions
Device Selection Guide
Package Dimension (mm)
Die Technology
Colors
Testing Current (mA)
Parts per Reel
Package Description
.6 (L) x 0.8 (W) x 0.25 (H)
InGaN
White
5
4000
Untinted, Diffused
Notes:
1. All dimensions in millimeters (inches).
2. Tolerance is ±0.1mm (±0.004 in.) unless otherwise specified
Absolute Maximum Ratings at TA = 25°C
Parameter
HSMW-CL25
Units
DC Forward Current[]
0
mA
Power Dissipation
39
mW
Reverse Voltage (IR = 00
mA)
5
V
LED Junction Temperature
95
°C
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range
-40 to +85
°C
Soldering Temperature
See reflow soldering profile (Figure 7 & 8)
Notes:
1. Derate linearly as shown in Figure 4.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com