Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP901C2 Datasheet(PDF) 2 Page - Fuji Electric

Part # TP901C2
Description  LOW LOSS SUPER HIGH SPEED RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

TP901C2 Datasheet(HTML) 2 Page - Fuji Electric

  TP901C2 Datasheet HTML 1Page - Fuji Electric TP901C2 Datasheet HTML 2Page - Fuji Electric TP901C2 Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP901C2 (5A)
(200V / 5A )
Characteristics
Forward characteristics
VF [V]
Reverse characteristics
VR [V]
IF
[A]
IR
[µA]
Surge capability
IFSM
[A]
Forward power dissipation
Io [A]
WF
[W]
0
0.2 0.4
0.6 0.8 1.0 1.2 1.4 1.6 1.8
Junction capacitance characteristics
Cj
[pF]
VR [V]
Output current-case temperature
Tc
[°C]
0
2
4
6
Io [A]
3
5
10
30
50
100
300
100
50
30
10
5
3
1
0.5
0.3
0.1
10000
1000
100
10
1
0.1
0
100
200
300
400
4
3
2
1
0
100
50
30
10
5
3
1
50
30
10
5
0
1
2
3
4
150
100
50
0
1
3
5
10
[time] (at 50Hz)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com