Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1MA151AT1 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # M1MA151AT1
Description  Single Silicon Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M1MA151AT1 Datasheet(HTML) 2 Page - Microsemi Corporation

  M1MA151AT1 Datasheet HTML 1Page - Microsemi Corporation M1MA151AT1 Datasheet HTML 2Page - Microsemi Corporation M1MA151AT1 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
M1MA151AT1, M1MA152AT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Characteristic
Symbol
Condition
Min
Max
Unit
Reverse Voltage Leakage Current
M1MA151AT1
M1MA152AT1
IR
VR = 35 V
VR = 75 V
−
0.1
mAdc
Forward Voltage
VF
IF = 100 mA
−
1.2
Vdc
Reverse Breakdown Voltage
M1MA151AT1
M1MA152AT1
VR
IR = 100 mA
40
80
−
Vdc
Diode Capacitance
CD
VR = 0, f = 1.0 MHz
−
2.0
pF
Reverse Recovery Time (Figure 1)
trr (Note 2)
IF = 10 mA, VR = 6.0 V,
RL = 100 W, Irr = 0.1 IR
−
3.0
ns
2. trr Test Circuit
A
RL
tr
tp
t
10%
90%
VR
tp = 2 ms
tr = 0.35 ns
IF
trr
t
Irr = 0.1 IR
IF = 10 mA
VR = 6 V
RL = 100 W
RECOVERY TIME EQUIVALENT TEST CIRCUIT
INPUT PULSE
OUTPUT PULSE
Figure 1. Reverse Recovery Time Equivalent Test Circuit
ORDERING INFORMATION
Device
Package
Shipping†
M1MA151AT1
SC−59
3000 /Tape & Reel
M1MA151AT1G
SC−59
(Pb−Free)
M1MA152AT1
SC−59
M1MA152AT1G
SC−59
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com