Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F00225 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # F00225
Description  QUAD N-CHANNEL POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

F00225 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  F00225 Datasheet HTML 1Page - Solid States Devices, Inc F00225 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
SOLID STATE DEVICES, INC.
SFF120-28Q
FEATURES:
DATA SHEET #: F00225B
MAXIMUM RATINGS
• Rugged construction with poly silicon gate
• Low RDS (on) and high transconductance
• Excellent high temperature stability
• Very fast switching speed
• Fast recovery and superior dv/dt performance
• Increased reverse energy capability
• Low input and transfer capacitance for easy paralleling
• Hermetically sealed surface mount package
• TX, TXV and Space Level screening available
• Replaces 4x IRF120 Types in One Package
28 PIN CLCC
9.2 AMPS
100 VOLTS
0.35
S
QUAD N-CHANNEL
POWER MOSFET
DESIGNER'S DATA SHEET
14005 Stage Road * Santa Fe Springs, Ca 90670
Phone: (562) 404-4474 * Fax: (562) 404-1773
NOTE: All specifications are subject to change without notification.
SCDs for these devices should be reviewed by SSDI prior to release.
PACKAGE OUTLINE: 28 PIN CLCC
PIN OUT:
MOSFET 1
DRAIN:
5, 6, 7
GATE:
1
SOURCE:
2, 3, 4
MOSFET 2
DRAIN:
9, 10, 11
GATE:
8
SOURCE:
12, 13, 14
MOSFET 3
DRAIN:
19, 20, 21
GATE:
15
SOURCE:
16, 17, 18
MOSFET 4
DRAIN:
23, 24, 25
GATE:
22
SOURCE:
26, 27, 28
(3 PLACES)
VGS
±20
Volts
Gate to Source Voltage
ID
9.2
Continuous Drain Current
Drain to Source Voltage
VDS
100
Amps
Volts
Thermal Resistance, Junction to Case (All Four)
R2JC
Top & Tstg
-55 to +150
Operating and Storage Temperature
oC
oC/W
10
CHARACTERISTIC
SYMBOL
VALUE
UNIT
Watts
Total Device Dissipation
PD
12.5
9.5
@ TC = 25oC
@ TC = 70oC
NOTE: All drain/source pins must be connected on the PC board in order to
maximize current carrying capability and to minimize RDS (on)


Similar Part No. - F00225

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
F00225 SSDI-F00225_15 Datasheet
266Kb / 2P
QUAD N-CHANNEL POWER MOSFET
More results

Similar Description - F00225

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1106 ALD-ALD1106 Datasheet
34Kb / 4P
QUAD/DUAL N-CHANNEL MATCHED MOSFET ARRAY
logo
M.S. Kennedy Corporatio...
MSK3013 MSK-MSK3013 Datasheet
223Kb / 5P
QUAD N-CHANNEL MOSFET POWER MODULE
logo
Supertex, Inc
VQ3001 SUTEX-VQ3001 Datasheet
143Kb / 3P
N- and P-Channel Quad Power MOSFET Arrays
logo
Solid States Devices, I...
SFF120-28Q SSDI-SFF120-28Q Datasheet
265Kb / 2P
9.2 AMPS 100 VOLTS 0.35S QUAD N-CHANNEL POWER MOSFET
logo
Sensitron
SHD230704 SENSITRON-SHD230704 Datasheet
37Kb / 2P
HERMETIC POWER MOSFET N-CHANNEL QUAD
SHD230202 SENSITRON-SHD230202 Datasheet
66Kb / 3P
HERMETIC POWER MOSFET N-CHANNEL QUAD
SHD230209 SENSITRON-SHD230209 Datasheet
66Kb / 3P
HERMETIC POWER MOSFET P-CHANNEL QUAD
SRADM1002 SENSITRON-SRADM1002 Datasheet
190Kb / 2P
JHERMETIC RAD HARD POWER MOSFET N-CHANNEL QUAD
logo
Solid States Devices, I...
F00225 SSDI-F00225_15 Datasheet
266Kb / 2P
QUAD N-CHANNEL POWER MOSFET
logo
TRINAMIC Motion Control...
TMC1340-SO TRINAMIC-TMC1340-SO Datasheet
1Mb / 12P
Quad Complementary N & P-Channel 30V Enhancement Mode Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com