Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F00247 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # F00247
Description  POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

F00247 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  F00247 Datasheet HTML 1Page - Solid States Devices, Inc F00247 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOLID STATE DEVICES, INC.
SFF70N10M
SFF70N10Z
FEATURES:
DATA SHEET #: F00247B
MAXIMUM RATINGS
• Rugged construction with poly silicon gate
• Ultra low RDS (on) and high transconductance
• Excellent high temperature stability
• Very fast switching speed
• Fast recovery and superior dv/dt performance
• Increased reverse energy capability
• Low input and transfer capacitance for easy paralleling
• Hermetically sealed package
• TX, TXV and Space Level screening available
•
Replaces: SMM70N10 Types
70 AMP
600 VOLT
0.030
Ω
Ω
Ω
Ω
Ω
N-CHANNEL
POWER MOSFET
DESIGNER'S DATA SHEET
NOTE: All specifications are subject to change without notification.
SCDs for these devices should be reviewed by SSDI prior to release.
ID
561/
Continuous Drain Current
Drain to Source Voltage
VDS
100
Amps
Volts
Thermal Resistance, Junction to Case
R0JC
Top & Tstg
-55 to +150
Operating and Storage Temperature
oC
oC/W
.83
CHARACTERISTIC
SYMBOL
VALUE
UNIT
Watts
Total Device Dissipation
PD
150
114
@ TC = 25oC
@ TC = 55oC
TO-254Z (Z)
TO-254 (M)
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
CASE OUTLINE: TO-254Z (Sufix Z)
CASE OUTLINE: TO-254 (Sufix M)
Available with Glass or Ceramic Seals. Contact Facory for details.
Gate to Source Voltage
VGS
+ 20
Volts
Pin Out:
Pin 1: Drain
Pin 2: Source
Pin 3: Gate
Pin Out:
Pin 1: Drain
Pin 2: Source
Pin 3: Gate


Similar Part No. - F00247

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
F00247 SSDI-F00247_15 Datasheet
47Kb / 2P
POWER MOSFET
More results

Similar Description - F00247

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com