Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F00311 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # F00311
Description  N-CHANNEL POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

F00311 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  F00311 Datasheet HTML 1Page - Solid States Devices, Inc F00311 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
ELECTRICAL CHARACTERISTICS @ TJ =25
oC (Unless Otherwise Specified)
V
Drain to Source Breakdown Voltage
(VGS =0 V, ID = 250
µA)
-
BVDSS
-
RATING
SYMBOL
MIN
TYP
MAX
UNIT
60
m
Ω
Ω
Ω
Ω
Ω
Drain to Source on State Resistance
(VGS = 10 V,Tc = 150oC)
RDS(on)
-
-
-
V
Gate Threshold Voltage
(VDS = VGS, ID = 250
µA)
-
VGS(th)
4.0
2
Smho
Forward Transconductance
(VDS > ID(on) X RDS (on) Max, IDS=60% rated ID)
35
gfs
-
15
µµµµµA
Zero Gate Voltage Drain Current
(VDS = 80% rated voltage, VGS = 0V)
(VDS = 80% rated VDS, VGS = 0V, TA = 125
oC)
-
-
IDSS
-
-
Gate to Source Leakage Forward
Gate to Source Leakage Reverse
-
-
IGSS
+100
-100
-
-
At rated VGS
Total Gate Charge
Gate to Source Charge
Gate to Drain Charge
VGS = 10 V
50% rated VDS
Rated ID
Qg
Qgs
Qgd
-
-
-
80
13
40
120
17
64
nsec
Turn on Delay Time
Rise Time
Turn off DelayTime
Fall Time
VDD =50%
rated VDS
50% rated ID
RG=6.2
Ω
td (on)
tr
td (off)
tf
-
-
-
-
20
35
65
40
27
66
100
60
V
1.47
VSD
1.4
-
Diode Reverse Recovery Time
Reverse Recovery Charge
70
trr
QRR
150
-
TJ =25oC
IF = 10
di/dt = 100A/
µsec
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VGS =0 Volts
VDS =25 Volts
f =1 MHz
Ciss
Coss
Crss
-
-
-
2600
700
260
2900
1100
275
pF
nsec
For thermal derating curves and other characteristic curves please contact SSDI Marketing Department.
A
On State Drain Current
(VDS > ID(on) x RDS(on) Max, VGS = 10 V)
-
ID(on)
-
75
Diode Forvard Voltage
(IS = rated ID, VGS = 0V, TJ = 25
oC)
nC
nA
250
1000
SFF75N06M
SFF75N06Z
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
NOTES:
1/ Maximum current limited by package, die rated at 75A.
ID=37.5A
ID=75A
ID=37.5A
13
15
19
-
-
-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com