Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2002PL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCK2002PL
Description  533 MHz PCI-X clock buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2002PL Datasheet(HTML) 2 Page - NXP Semiconductors

  PCK2002PL Datasheet HTML 1Page - NXP Semiconductors PCK2002PL Datasheet HTML 2Page - NXP Semiconductors PCK2002PL Datasheet HTML 3Page - NXP Semiconductors PCK2002PL Datasheet HTML 4Page - NXP Semiconductors PCK2002PL Datasheet HTML 5Page - NXP Semiconductors PCK2002PL Datasheet HTML 6Page - NXP Semiconductors PCK2002PL Datasheet HTML 7Page - NXP Semiconductors PCK2002PL Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product data
PCK2002PL
533 MHz PCI-X clock buffer
2
2002 Oct 10
FEATURES
General purpose and PCI-X 1:4 clock buffer
8-pin TSSOP 3.1 × 4.4 mm package
Same form, fit, and function as CDCV304
See PCK2001P for 3.1 × 3.1 mm TSSOP-8 package
See PCK2001 or PCK2002 for 48-pin 1:18 buffer part
See PCK2001M ro PCK2002M for 28-pin 1:10 buffer part
See PCK2001R for 16-pin 1:6 buffer part
Operating frequency: 0 – 533 MHz
Part-to-part skew < 500 ps
Low output skew: <200 ps
3.3 V operation
ESD classification testing is done to JEDEC Standard JESD22.
Protection exceeds 2000 V to HBM per method A114.
DESCRIPTION
The PCK2002PL is a 1–4 fanout buffer used as a high-performance,
low skew, general purpose and PCI-X clock buffer. It distributes one
input clock (BUF_IN) signal to four output clocks (BUF_OUTn).
PIN CONFIGURATION
3
45
6
OE
BUF_OUT0
VSS
BUF_OUT1
VDD
TOP VIEW
1
27
8
BUF_IN
BUF_OUT2
BUF_OUT3
SA00569
PIN DESCRIPTION
PIN
NUMBER
I/O
TYPE
SYMBOL
FUNCTION
1
Input
BUF_IN
Buffered clock input
3, 5, 7, 8
Output
BUF_OUT
(0–3)
Buffered clock outputs
6
Input
VDD
3.3 V supply
2
Input
OE
Output Enable
4
Input
VSS
Ground
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
BUF_IN to BUF_OUTn
VCC = 3.3 V, CL = 25 pF
2.9
2.8
ns
tr
Rise time
VCC = 3.3 V, CL = 10 pF, 0.2VDD to 0.6VDD
450
ps
tf
Fall time
VCC = 3.3 V, CL = 10 pF, 0.6VDD to 0.2VDD
400
ps
ICC
Total supply current
VCC = 3.6 V
50
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
8-Pin Plastic TSSOP
–40 to +85
°C
PCK2002PLPW
SOT530-1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com