Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UES804 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # UES804
Description  ULTRAFAST RECTIFIERS, High Efficiency, 50A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UES804 Datasheet(HTML) 1 Page - Microsemi Corporation

  UES804 Datasheet HTML 1Page - Microsemi Corporation UES804 Datasheet HTML 2Page - Microsemi Corporation UES804 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ULTRAFAST RECTIFIERS,
High Efficiency, 50ATM
SCOTTSD A L E DIVISION
UES804 UES804HR2
UES805 UES805HR2
UES806 UES806HR2
DESCRIPTION
APPEARANCE
The UES804 series of ultrafast high-efficiency rectifiers is specifically
designed for operation in power switching circuits operating at frequencies
of 20 kHz or higher.
These devices have demonstrated capability in
passing power-stress testing to 25 thousand cycles with full-rated forward
current turned on and off without a heat sink. This forces case temperature
increases of 75
°C at which time the current is removed to simulate worst
case applications.
The switching times increase relatively little with
temperature or at different currents.
DO-5
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
•
Very Low Forward Voltage
•
Very Fast Recovery Times
•
High Reliability Screening Options with HR2 Suffix
(ie. UES804HR2)
•
Low Thermal Resistance
•
Mechanically rugged
•
Standard Polarity is Cathode to Case. For Reverse
Polarity, Add Suffix R (ie. UES804R)
•
Power Switching Circuits 20 kHz and above
with minimal parasitic switching losses
•
Catch Diodes for Switching Regulators
•
Output Rectifiers for High Frequency Square-
Wave Inverters
•
Extremely Robust in Power Cycling
•
High Surge Capability
•
Hermetically Sealed
ABSOLUTE MAXIMUM RATINGS
MECHANICAL AND PACKAGING
•
Peak Inverse Voltage, UES804, UES804HR2……….200 V
•
Peak Inverse Voltage, UES805, UES805HR2……….300 V
•
Peak Inverse Voltage, UES806, UES806HR2……….400 V
•
Average DC Output Current, IO @ TC = 100
oC………50 A
•
Surge Current, 8.3 ms …………………………………600 A
•
Thermal Resistance, Junction to Case……………0.8
oC/W
•
Operating and Storage Temp. Range…….-55
oC to +150oC
•
Industry Standard DO-5 (DO-203AB) Package
with 11/16 inch Hex and 1/4-28 Threaded Stud
•
Hermetically Sealed Metal and Glass Case
Body
•
Metal Surface Finish: Tin-Lead Plated
•
Weight: 15.5 grams (approximate)
•
Maximum Stud Torque: 30 inch pounds
•
Marking: Part Number and Logo
ELECTRICAL CHARACTERISTICS
Microsemi Part Number
Working Peak
Reverse
Voltage
VRWM
Maximum
Forward
Voltage
VF
@ 50 A
tp = 300 µs
Maximum
Reverse
Current
IR
@ VRWM
Maximum
Reverse
Recovery
Time*
trr
TC = 25
oC
TC = 125
oC
TC = 25
oC
TC = 125
oC
UES804
UES805
UES806
UES804HR2
UES805HR2
UES806HR2
200 V
300 V
400 V
1.25 V
1.15 V
70
µA
30 mA
50 ns
* Measured in circuit IF = 0.5 A, IR = 1 A, IREC = 0.25 A
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2003
9-20-2004 REV B


Similar Part No. - UES804

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UES804 MICROSEMI-UES804 Datasheet
129Kb / 3P
RECTIFIERS
logo
New Jersey Semi-Conduct...
UES804 NJSEMI-UES804 Datasheet
101Kb / 2P
RECTIFIERS
UES804 NJSEMI-UES804 Datasheet
157Kb / 2P
High Efficiency, 50A
logo
Microsemi Corporation
UES804HR2 MICROSEMI-UES804HR2 Datasheet
129Kb / 3P
RECTIFIERS
logo
New Jersey Semi-Conduct...
UES804HR2 NJSEMI-UES804HR2 Datasheet
101Kb / 2P
RECTIFIERS
More results

Similar Description - UES804

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3002 STMICROELECTRONICS-STTH3002 Datasheet
101Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH2L06 STMICROELECTRONICS-STTH2L06 Datasheet
86Kb / 8P
HIGH EFFICIENCY ULTRAFAST DIODE
07-Sep-2004
STTH1302CT STMICROELECTRONICS-STTH1302CT_03 Datasheet
116Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2003
BYT01400 STMICROELECTRONICS-BYT01400 Datasheet
51Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
BYT03-400 STMICROELECTRONICS-BYT03-400 Datasheet
53Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
logo
Microsemi Corporation
UES705R MICROSEMI-UES705R Datasheet
136Kb / 3P
ULTRAFAST RECTIFIERS, High Efficiency, 20A
UES704R MICROSEMI-UES704R Datasheet
136Kb / 3P
ULTRAFAST RECTIFIERS, High Efficiency, 20A
logo
New Jersey Semi-Conduct...
UES804 NJSEMI-UES804_14 Datasheet
157Kb / 2P
High Efficiency, 50A
UES801 NJSEMI-UES801 Datasheet
93Kb / 1P
High Efficiency, 50A and 70A
logo
Microsemi Corporation
UES701HR2 MICROSEMI-UES701HR2 Datasheet
319Kb / 6P
ULTRAFAST RECTIFIERS, High Efficiency 25A and 30A
Rev. 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com