Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMLD-6070-RZ Datasheet(PDF) 3 Page - AIMTEC

Part # AMLD-6070-RZ
Description  LED Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLD-6070-RZ Datasheet(HTML) 3 Page - AIMTEC

  AMLD-6070-RZ Datasheet HTML 1Page - AIMTEC AMLD-6070-RZ Datasheet HTML 2Page - AIMTEC AMLD-6070-RZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Series AMLD-RZ
Up to 1000mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
3 of 3
North America only
Derating
Free Air Convection
- 40
- 20
0
20
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
85
Ambient Temperature º C
AMLD-6050-RZ
AMLD-6060-RZ
AMLD-6070-RZ
AMLD-60100-RZ
71
AMLD-6030-RZ
AMLD-6035-RZ
Typical Application Circuits
Vin+
Vin- (or GND)
+
22
23
2
3
Vadj (PWM / Dim / On / Off)
4
14
16
9
11
Vout+
Vout-
AIMTEC
AMLD-60xx-RZ
PWM
0V
5V
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer
controlled by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary
based on the date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C,
humidity<75%, nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all
internal components and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for
release.
6. This product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications
which necessitate specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at
www.aimtec.com.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com