Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMLD-6030-RZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMLD-6030-RZ
Description  LED Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLD-6030-RZ Datasheet(HTML) 1 Page - AIMTEC

  AMLD-6030-RZ Datasheet HTML 1Page - AIMTEC AMLD-6030-RZ Datasheet HTML 2Page - AIMTEC AMLD-6030-RZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AMLD-RZ
Up to 1000mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
1 of 3
North America only
FEATURES:
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Maximum Rated
Current (mA)
Max
Capacitive
Load (uF)
Efficiency
(%)
Ripple &
Noise
(mV p-p)
AMLD-6030-RZ
9-60
2-56
300
2.2
97
250
AMLD-6035-RZ
9-60
2-56
350
2.2
97
300
AMLD-6050-RZ
9-60
2-56
500
2.2
97
350
AMLD-6060-RZ
9-60
2-56
600
2.2
97
400
AMLD-6070-RZ
9-60
2-56
700
2.2
97
400
AMLD-60100-RZ
9-60
2-56
1000
2.2
97
450
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
48
9-60
VDC
Filter
Capacitor
Absolute Maximum Rating
65
VDC
Peak Input Voltage time
500
ms
DC/DC ON (Leave open if not used)
ON –Open or 2.5V< Vadj <5V
DC/DC OFF (or short pins 2,3,4)
OFF(shutdown) – Vadj <0.8
Maximum Remote pin drive current
Vadj = 0 - 5V
<1
mA
Quiescent Current in Shutdown mode
Vin = 60V
3
mA
On/Off Control (Digital Control)
Max PWM Frequency 1KHz
Output current adjustment
1 to 100
%
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±5
%
Output Voltage range
V input = 60V
2-56
VDC
Output current
Vin – Vout > 4V
Short Circuit protection
Regulated at the rated current for each model
Temperature coefficient
±0.03
%/oC
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
40-1000
KHz
Operating temperature
See derating chart -40 to +85
oC
Storage temperature
-40 to +125
oC
Maximum case temperature
105
oC
Thermal Impedance
Free air convection
+30
oC/W
Cooling
Free air convection
Humidity
95
% RH
Case material
Non-Conductive Black Plastic (UL94V-0 rated)
Weight
17.7
g
Dimensions (L x W x H)
1.25 x 0.80 x 0.49 inches
31.75 x 20.32 x 12.45 mm
MTBF
> 2 000 000hrs (MIL-HDBK-217 F at +25 oC)
Maximum Soldering Temperature
1.5 mm from case for 10sec.
260
oC
NOTES:
1. Reversed polarity at the input power will damage the driver. The input ground must not be connected to the negative output.
2. Maximum output open voltage is equal to input voltage.
•
Step Down DC/DC LED driver
•
Operating Temperature range -40ºC to +85ºC
•
Constant current output
•
Open and Short LED Protection
•
Ultra Wide (7:1) input voltage range
•
PWM / Digital Voltage dimming
•
High efficiency up to 97%
•
Output power up to 56 Watts
Click on Series name for product info on aimtec.com


Similar Part No. - AMLD-6030-RZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLD-6030-RZ AIMTEC-AMLD-6030-RZ Datasheet
285Kb / 3P
Up to 1000mA | LED Driver
More results

Similar Description - AMLD-6030-RZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
LED DRIVER
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
LED Driver
logo
AIMTEC
AMLB-1810IZ AIMTEC-AMLB-1810IZ Datasheet
338Kb / 3P
LED Driver
AMLDW-6070-RZ AIMTEC-AMLDW-6070-RZ Datasheet
308Kb / 3P
LED Driver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com