Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMLD-6035-RZ Datasheet(PDF) 2 Page - AIMTEC

Part # AMLD-6035-RZ
Description  LED Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLD-6035-RZ Datasheet(HTML) 2 Page - AIMTEC

  AMLD-6035-RZ Datasheet HTML 1Page - AIMTEC AMLD-6035-RZ Datasheet HTML 2Page - AIMTEC AMLD-6035-RZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AMLD-RZ
Up to 1000mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
2 of 3
North America only
Safety Specifications
Parameters
Standards
CE
EN 55015 : 2006+A1 : 2007+A2 : 2009
EN 61547 : 2009
(Designed to meet EN 60950-1)
Pin Out Specifications
Dimensions
31.75
(1.25)
23 22
2 3
16
14
9
11
20.32
(0.80)
4
15.24
(0.60)
2.54
(0.1)
12.45
(0.49)
5.08
(0.2)
3.00
(0.12
Bottom View
22.86
(0.90)
0.50
(0.02)
Pin
Single
2
- V Input
- DC Supply
3
- V Input
- DC Supply
4
Vadj
PWM/ON/OFF or not used
9
- V Output
LED Cathode connection
11
- V Output
LED Cathode connection
14
+ V Output
LED Anode connection
16
+ V Output
LED Anode connection
22
+ V Input
+ DC Supply
23
+ V Input
+ DC Supply
Mechanical Tolerances
Case tolerance ± 0.25mm or ± 0.01 inches
Pin tolerance ± 0.05 or ± 0.002



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com