Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC144WM Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PDTC144WM
Description  NPN resistor-equipped transistors R1 = 47 k廓, R2 = 22 k廓
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC144WM Datasheet(HTML) 1 Page - NXP Semiconductors

  PDTC144WM Datasheet HTML 1Page - NXP Semiconductors PDTC144WM Datasheet HTML 2Page - NXP Semiconductors PDTC144WM Datasheet HTML 3Page - NXP Semiconductors PDTC144WM Datasheet HTML 4Page - NXP Semiconductors PDTC144WM Datasheet HTML 5Page - NXP Semiconductors PDTC144WM Datasheet HTML 6Page - NXP Semiconductors PDTC144WM Datasheet HTML 7Page - NXP Semiconductors PDTC144WM Datasheet HTML 8Page - NXP Semiconductors PDTC144WM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DATA SHEET
Product data sheet
Supersedes data of 2004 Mar 23
2004 Aug 17
DISCRETE SEMICONDUCTORS
PDTC144W series
NPN resistor-equipped transistors;
R1 = 47 k
Ω, R2 = 22 kΩ


Similar Part No. - PDTC144WM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144WM PHILIPS-PDTC144WM Datasheet
93Kb / 14P
NPN resistor-equipped transistors; R1 = 47 KOHM, R2 = 22 KOHM
2004 Aug 17
PDTC144WM PHILIPS-PDTC144WM Datasheet
92Kb / 14P
NPN resistor-equipped transistors; R1 = 47 k-ohm, R2 = 22 k-ohm
2004 Aug 17
PDTC144WM NXP-PDTC144WM Datasheet
189Kb / 14P
NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
logo
Nexperia B.V. All right...
PDTC144WM NEXPERIA-PDTC144WM Datasheet
422Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
2004 Aug 17
PDTC144WM NEXPERIA-PDTC144WM Datasheet
420Kb / 15P
PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
2004 Aug 05
More results

Similar Description - PDTC144WM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH17 NXP-PEMH17 Datasheet
282Kb / 9P
NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
Rev. 03-15 November 2009
PDTA144W NXP-PDTA144W Datasheet
188Kb / 14P
PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 05
PDTC124X NXP-PDTC124X Datasheet
147Kb / 12P
NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 47 k廓
Rev. 07-16 November 2009
PDTC144E NXP-PDTC144E Datasheet
188Kb / 14P
NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 17
PDTC144W NXP-PDTC144W Datasheet
189Kb / 14P
NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PEMH2 NXP-PEMH2 Datasheet
145Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Apr 14
PDTC144W PHILIPS-PDTC144W_15 Datasheet
189Kb / 14P
NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PEMH16_PUMH16 PHILIPS-PEMH16_PUMH16_15 Datasheet
284Kb / 9P
NPN/NPN resistor-equipped transistors R1 = 22 k廓, R2 = 47 k廓
Rev. 04-15 November 2009
PEMH17_PUMH17 PHILIPS-PEMH17_PUMH17_15 Datasheet
282Kb / 9P
NPN/NPN resistor-equipped transistors R1 = 47 k廓, R2 = 22 k廓
Rev. 03-15 November 2009
logo
Nexperia B.V. All right...
PQMD16 NEXPERIA-PQMD16 Datasheet
734Kb / 17P
NPN/PNP resistor-equipped transistors;R1 = 22 k廓, R2 = 47 k廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com