Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT314F06 Datasheet(PDF) 2 Page - Tyco Electronics

Part # RT314F06
Description  Power PCB Relay RT1 bistable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT314F06 Datasheet(HTML) 2 Page - Tyco Electronics

  RT314F06 Datasheet HTML 1Page - Tyco Electronics RT314F06 Datasheet HTML 2Page - Tyco Electronics RT314F06 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
06-2013, Rev. 0613
www.te.com
© 2013 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay RT1 bistable (Continued)
Other Data (continued)
Terminal type
PCB-THT, plug-in1)
Weight
14g
Resistance to soldering heat THT, IEC 60068-2-20
RTII - flux proof
270°C/10s
RTIII - wash tight
260°C/5s
Packaging/unit
tube/20 pcs., box/500 pcs.
1) socket available for 1 coil version only, see Accessories.
Accessories
For 1 coil version,
details see datasheet
Accessories Industrial Power Relay RT
NOTE: indicated contact ratings and electrical endurance data for direct
wiring of relays (according IEC 61810-1); for relays mounted on sockets
deratings may apply.
Insulation Data
Initial dielectric strength
between open contacts
1000Vrms
between contact and coil
5000Vrms
Clearance/creepage
between contact and coil
≥ 10/10mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI 250V
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-40 to 85°C
Category of environmental protection
IEC 61810
RTII - flux proof, RTIII - wash tight
Vibration/shock resistance (functional),
opening B contact
3/5g
opening closed A contact
6/15g
Shock resistance (destructive)
100g
a) Indicated contact position during or after coil
energization with reset voltage.
b) for 2 coil version only
S0272-BC
Dimensions
*) With the recommended PCB hole sizes a grid
pattern from 2.5mm to 2.54mm can be used.
16A, pinning 5mm, 1 form C (CO) contact
S0418-CM
S0163-DI
a)
*) With the recommended PCB hole sizes a grid
pattern from 2.5mm to 2.54mm can be used.
PCB layout / terminal assignment
Bottom view on solder pins
16A, pinning 5mm, 1 form A (NO) contact
S0418-CM
S0163-DI
a)
12A, pinning 3,5mm, 1 form A (NO) contact



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com