Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY4S-05C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SY4S-05C
Description  RU Series - General Purpose Relays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SY4S-05C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SY4S-05C Datasheet HTML 1Page - List of Unclassifed Manufacturers SY4S-05C Datasheet HTML 2Page - List of Unclassifed Manufacturers SY4S-05C Datasheet HTML 3Page - List of Unclassifed Manufacturers SY4S-05C Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Relays
RU Series
www.idec.com
USA: (800) 262-IDEC or (408) 747-0550, Canada: (888) 317-IDEC
E-9
E
Part Numbers: RU Series with Options
Part Numbers: Sockets
Part Numbers: Marking Strip
Marking Strip Color Code
Coil Ratings
Contact Ratings (Standard)
Contact Ratings (Bifurcated)
Termination
Contact
Configuration
Standard
Without
Latching Lever
With Momentary
Check Button
With Diode*
S: Solder/plugin
Standard
DPDT
RU2S
RU2S-C
RU2S-M
RU2S-D
4PDT
RU4S
RU4S-C
RU4S-M
RU4S-D
Bifurcated
4PDT
RU42S
RU42S-C
RU42S-M
RU42S-D
Relays
Spring Clamp
DIN Rail Mount
Standard DIN
Rail Mount
Finger-Safe DIN
Rail Mount
Panel Mount PC Mount
Springs & Clips (optional)
Part Number
Use With
RU2S
SU2S-11L
SM2S-05
SM2S-05C
SY4S-51
SY4S-61
SY4S-62
SFA-101①
SFA-202➁
SY4S-02F1➂
use with SY4S-05, -05C
SM2S-05, -05C
SU4S-11L, SU2S-11L
RU4S
SU4S-11L
SY4S-05
SY4S-05C
SFA-301①
SFA-302➁
SY4S-51F1➂
use with SY4S-51, -61
Item
Part Number
Quantity
Color
Code
Color
Code
RU Marking Strip
RU9Z-P①PN10,
10 pieces per package
Yellow*
Y
Blue
S
Green
G
White
W
Amber
A
Rated Voltage
Voltage Code
Coil Tape
Colors
Rated Current ±15%
at 20°C
Coil Resistance
±10% at 20°C
Inrush
Current
Inductance
Energizing
De-Energizing
AC
24V
A24
white
37.5mA
164
Ω
60mA
1.8H
0.96H
110-120V
A110
dark blue
8.4mA
4,550
Ω
14mA
36H
22H
220-240V
A220
red
4.2mA
18,230
Ω
7mA
144H
87H
DC
12V
D12
yellow*
83.3mA
160
Ω
N/A
24V
D24
green
41.7mA
605
Ω
110V
D110
yellow*
9.1mA
12, 100
Ω
Voltage
Resistive
Inductive
Voltage
Resistive
Inductive
30V DC
DPDT
10A
5A
30V DC
4PDT
3A
1.5A
4PDT
6A
3A
110V DC
4PDT
–
–
110V DC
DPDT
0.6A
0.3A
120V DC
4PDT
3A
0.8A
4PDT
0.4A
0.2A
250V DC
4PDT
3A
0.8A
120V AC
DPDT
10A
5A
4PDT
6A
3A
240V AC
DPDT
10A
5A
4PDT
6A
3A
Part Numbers
*DC coils only.
See Section F for details on sockets. All DIN rail mount
sockets shown above can be mounted using DIN rail BNDN1000.
① Top latch
➁ Side latch
➂ Pullover spring
*yellow marking
strip standard on
all RU relays.
In place of ①, insert color code
from chart at right.
Ratings
*Voltage printed in black.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com