Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY4S-51 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SY4S-51
Description  RU Series - General Purpose Relays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SY4S-51 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SY4S-51 Datasheet HTML 1Page - List of Unclassifed Manufacturers SY4S-51 Datasheet HTML 2Page - List of Unclassifed Manufacturers SY4S-51 Datasheet HTML 3Page - List of Unclassifed Manufacturers SY4S-51 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RU Series
Relays
E-10
www.idec.com
USA: (800) 262-IDEC or (408) 747-0550, Canada: (888) 317-IDEC
E
RU2S Standard
RU2S-D with Diode
RU4S/RU42S Standard
RU4S-D/RU42S-D with Diode
Internal Circuit*
(14)A2
(13)A1
(12)41
(9)11
(8)44
(5)14
(4)42
(1)12
Over 24V AC/DC
24V AC/DC or less
(13)A1
(14)A2
(1)12
(4)42
(5)14
(8)44
(9)11
(12)41
(1)12
(4)42
(5)14
(8)44
(9)11
(12)41
(13)A1
(14)A2
Over 24V DC
(14)A2
(13)A1
24V DC or less
(12)41
(9)11
(8)44
(5)14
(4)42
(1)12
Over 24V AC/DC
(1)12 (2)22
(3)32 (4)42
(5)14 (6)24
(7)34 (8)44
(9)11 (10)21 (11)31 (12)41
(13)A1
(14)A2
(14)A2
(13)A1
24V AC/DC or less
(12)41
(11)31
(10)21
(9)11
(8)44
(7)34
(6)24
(5)14
(4)42
(3)32
(2)22
(1)12
(14)A2
24V DC or less
(14)A2
(13)A1
(12)41
(11)31
(10)21
(9)11
(8)44
(7)34
(6)24
(5)14
(4)42
(3)32
(2)22
(1)12
Over 24V DC
(1)12 (2)22
(3)32 (4)42
(5)14 (6)24
(7)34 (8)44
(9)11 (10)21 (11)31 (12)41
(13)A1
Image as viewed from bottom of relay. Refer to socket for exact
wiring layout (Section F)
.
Electrical Life Curves
DC110V
10
1000
100
DC30V
AC250V
1
10
5
1
0.5
0.1
50
500
Load Current (A)
DC110V
AC250V
DC30V
Load Current (A)
500
50
0.1
0.5 1
5 10
1
100
1000
10
DC
L/R=7ms
AC
COS
=0.3
RU2 (Resistive Load)
RU2 (Inductive Load)
DC110V
Load Current (A)
DC30V
AC250V
6
3
1
0.5
0.1
10
100
1
50
500
6
DC110V
0.1
0.5 1
3
AC250V
DC30V
Load Current (A)
DC
L/R=7ms
AC
COS
=0.3
500
50
1
100
1000
10
DC110V
AC250V
DC30V
Load Current (A)
500
50
1
100
10
0.1
0.5 1
3
6
0.02
DC
L/R=7ms
AC
COS
=0.3
DC110V
DC30V
AC250V
10
100
1
50
500
RU4 (Inductive Load)
RU42 (Inductive Load)
RU4 (Resistive Load)
RU42 (Resistive Load)
1000
Load Current (A)
0.1
0.5 1
3
6
0.02
Numbers not in parenthesis follow international system
of labeling terminals.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com