Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY4S-62 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SY4S-62
Description  RU Series - General Purpose Relays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SY4S-62 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SY4S-62 Datasheet HTML 1Page - List of Unclassifed Manufacturers SY4S-62 Datasheet HTML 2Page - List of Unclassifed Manufacturers SY4S-62 Datasheet HTML 3Page - List of Unclassifed Manufacturers SY4S-62 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RU Series
Relays
E-8
www.idec.com
USA: (800) 262-IDEC or (408) 747-0550, Canada: (888) 317-IDEC
E
Key features of the RU series include:
• Non-polarized LED indicator standard
• Solder-free construction (spot welded, no solder points, lead-free)
• No internal wires
• Mechanical flag indicator standard
• Manual latching lever with color coding for AC or DC coil
•Available without latching lever (or with momentary check button)
• Snap-on marking plate standard
• Cadmium-free contacts - RoHS compliant
• Color coded coils for visual distinction
• Contact rating 6A: 4PDT
10A: DPDT
RU2
RU4
Contact Material
AgSnOIn (silver tin oxide
indium)
AuAg/Ag (gold-silver alloy
on silver)
Contact Resistance
50 m
Ω maximum
Minimum
Applicable Load
24VDC, 5mA
(reference value)
1V DC, 1mA (standard)
1V DC, 0.1mA (bifurcated)
Operating Time
20 msec maximum
Release Time
20 msec maximum
Maximum
Continuous Applied
Voltage
(AC/DC) at 20°C
110%
Minimum
Operating Voltage
(AC/DC) at 20°C
80%
Drop-Out Voltage
(AC) at 20°C
30%
Drop-Out Voltage
(DC) at 20°C
10%
Power Consumption
1.1-1.4VA (AC); 0.9-1.0W (DC)
Dielectric Strength
Between contact and coil:
2,500VAC, 1 minute
Between poles:
2,500VAC, 1 minute
Between contacts of the
same pole:
1,000VAC, 1 minute
Between contact and coil:
2,500VAC, 1 minute
Between poles:
2,000VAC, 1 minute
Between contacts of the
same pole:
1,000VAC, 1 minute
Frequency Response
1,800 operations/hr
Vibration Resistance
Operating extremes:
10 to 55Hz,
Amplitude 1.0 mm p-p
Damage limits: 10 to 55Hz,
Amplitude 1.0 mm p-p
Shock Resistance
Operating extremes:
150 m/s2 (15G)
Damage limits:
1,000 m/s2 (100G)
Life Expectancy
Mechanical:
AC: 20,000,000 operations
minimum
DC: 30,000,000 operations
minimum
Electrical:
see electrical life curve
Degree of Protection
IP40
Operating Temperature
-55 to +70°C (no freezing)
Weight
35g
RU Series — General Purpose Relays
Consult factory for other voltages.
UL Recognized
File No. E66043, Vol 8, sec. 1
Vol 8, sec. 2
B020813332451
CSA Certified
File No. LR35144-135844
Ordering Information
Basic Part No.
Coil Voltage:
RU 4
S – ( ) – D12
# of Contacts
2 = DPDT
4 = 4PDT
42 = 4PDT bifurcated
contacts
Option*
(Blank) = with latching check
button
C = without check button
M = momentary check button
D = surge suppression diode (DC coils only)
Coil Voltage Code**
D12 = 12V DC
D24 = 24V DC
D110 = 110V DC
A24 = 24V AC
A110 = 110-120V AC
A220 = 220-240V AC
1. *All come with bi-polar LED, mechanical flag indica-
tor, marking plate.
2. **Contact IDEC for other voltages.


Similar Part No. - SY4S-62

ManufacturerPart #DatasheetDescription
logo
Pro-Power
SY4.00MM3C100M PROPOWER-SY4.00MM3C100M Datasheet
117Kb / 3P
Cable
01/02/08 V1.0
SY4.00MM3C100M PROPOWER-SY4.00MM3C100M Datasheet
117Kb / 3P
Cable
01/02/08 V1.0
SY4.00MM3C50M PROPOWER-SY4.00MM3C50M Datasheet
117Kb / 3P
Cable
01/02/08 V1.0
logo
NEC
SY403DA NEC-SY403DA Datasheet
77Kb / 2P
AMBER GAASP(N) HIGH INTENSITY LEDS
SY403TA NEC-SY403TA Datasheet
77Kb / 2P
AMBER GAASP(N) HIGH INTENSITY LEDS
More results

Similar Description - SY4S-62

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MKS OMRON-MKS Datasheet
2Mb / 10P
General Purpose Relays
logo
Tyco Electronics
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
General Purpose Relays Industrial Relays
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
General Purpose Relays PCB Relays
logo
List of Unclassifed Man...
RU4S-CD-D24 ETC2-RU4S-CD-D24 Datasheet
789Kb / 11P
RU Series Universal Relays
RU2S-C-A110 ETC2-RU2S-C-A110 Datasheet
143Kb / 4P
RU Series - General Purpose Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com