Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY4S-02F1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SY4S-02F1
Description  RU Series - General Purpose Relays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SY4S-02F1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SY4S-02F1 Datasheet HTML 1Page - List of Unclassifed Manufacturers SY4S-02F1 Datasheet HTML 2Page - List of Unclassifed Manufacturers SY4S-02F1 Datasheet HTML 3Page - List of Unclassifed Manufacturers SY4S-02F1 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Relays
RU Series
www.idec.com
USA: (800) 262-IDEC or (408) 747-0550, Canada: (888) 317-IDEC
E-11
E
Maximum Switching Capacity
10
5
0.1
10
30
100 250 500
DC resistive
DC inductive
L/R = 7 ms
AC resistive
AC inductive
(cos ø = 0.3)
Load Voltage(V)
RU2 (Maximum Load)
1
6
3
0.1
10
30
100 250 500
AC
resistive
AC
inductive
(cos ø = 0.3)
DC
resistive
DC
inductive
L/R = 7 ms
AC
resistive
AC
inductive
(cos ø = 0.3)
DC
resistive
DC
inductive
L/R = 7 ms
Load Voltage(V)
Load Voltage(V)
6
3
0.1
1
1
10
30
100 250 500
RU4 (Maximum Load)
RU42 (Maximum Load)
Dimensions & Mounting Hole Layouts
1.2 ◊ 2.2 Hole
2.6
0.5
27.5
Marking Plate
Removal Slot
RU2
Marking plate removal slot is provided only on one side.
Insert a flat screwdriver into the slot to remove the marking plate.
Dimensions
1.2 ◊ 2.2 Hole
2.6
0.5
Marking Plate
Removal Slot
RU4/RU42
Marking plate removal slot is provided only on one side.
Insert a flat screwdriver into the slot to remove the marking plate.
Dimensions
27.5
Dimensions are in mm.
Dimensions are in mm.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com