Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAR-C4CL-33869-M02-R Datasheet(PDF) 9 Page - fujitsu semiconductor

Part # FAR-C4CL-33869-M02-R
Description  Piezoelectric Resonator (24 to 40 MHz)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-C4CL-33869-M02-R Datasheet(HTML) 9 Page - fujitsu semiconductor

Back Button FAR-C4CL-33869-M02-R Datasheet HTML 2Page - fujitsu semiconductor FAR-C4CL-33869-M02-R Datasheet HTML 3Page - fujitsu semiconductor FAR-C4CL-33869-M02-R Datasheet HTML 4Page - fujitsu semiconductor FAR-C4CL-33869-M02-R Datasheet HTML 5Page - fujitsu semiconductor FAR-C4CL-33869-M02-R Datasheet HTML 6Page - fujitsu semiconductor FAR-C4CL-33869-M02-R Datasheet HTML 7Page - fujitsu semiconductor FAR-C4CL-33869-M02-R Datasheet HTML 8Page - fujitsu semiconductor FAR-C4CL-33869-M02-R Datasheet HTML 9Page - fujitsu semiconductor FAR-C4CL-33869-M02-R Datasheet HTML 10Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
FAR Family (C4 series L type)
s TAPING FORM AND DIMENSIONS
2
±0.5
(0.079
±0.020)
φ13.0±0.5
(0.512
±0.020)
φ21.0±0.8
(0.827
±0.031)
R1.0
(0.039)
20.4 Max.
(0.802)
14.0
±1.5
(0.550
±0.059)
8.0
±0.15
(0.315
±0.006)
• Reel dimensions
• Pack quantity
4.6
±0.1
(0.181
±0.004)
0.3
(0.012)
(0.059
±
)
φ1.5± 0.1
0
φ1.0± 1.0
0
0.004
0
(0.039
±
)
0.039
0
4.0±0.1 (0.157
±0.004)
2.0±0.1 (0.079
±0.004)
Specification
R
Quantity
3,000
Unit: mm (in.)
2.5 (0.098)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com