Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAR-C4CL-33869-K02-R Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # FAR-C4CL-33869-K02-R
Description  Piezoelectric Resonator (24 to 40 MHz)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-C4CL-33869-K02-R Datasheet(HTML) 1 Page - fujitsu semiconductor

  FAR-C4CL-33869-K02-R Datasheet HTML 1Page - fujitsu semiconductor FAR-C4CL-33869-K02-R Datasheet HTML 2Page - fujitsu semiconductor FAR-C4CL-33869-K02-R Datasheet HTML 3Page - fujitsu semiconductor FAR-C4CL-33869-K02-R Datasheet HTML 4Page - fujitsu semiconductor FAR-C4CL-33869-K02-R Datasheet HTML 5Page - fujitsu semiconductor FAR-C4CL-33869-K02-R Datasheet HTML 6Page - fujitsu semiconductor FAR-C4CL-33869-K02-R Datasheet HTML 7Page - fujitsu semiconductor FAR-C4CL-33869-K02-R Datasheet HTML 8Page - fujitsu semiconductor FAR-C4CL-33869-K02-R Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DS07-10202-1E
FUJITSU SEMICONDUCTOR
DATA SHEET
High-Frequency Resonator
Piezoelectric Resonator (24 to 40 MHz)
FAR Family (C4 Series L Type)
s DESCRIPTION
The C4 series (L Type) resonators apply to the frequency range 24 to 60 MHz.
They are fabricated on a lithium niobate (LiNaO3) substrate, producing resonators with ultra compact and superior
stability due to the high electromechanical coupling coefficient of the material.
They use the third overtone resonance, so that they can oscilate at high frequency.
They include two loading capacitors inside and their package are chip type for surface mount. It contributes
saving space and reducing mount cost.
s FEATURES
• High frequency (24 to 60 MHz)
• Surface mount package (SMT)
• Suitable for the source of microcomputer clock
• Emboss-typed pack for automatic mounting
• Superior shock and vibration resistance, preventing damage during automatic mounting
s PACKAGE


Similar Part No. - FAR-C4CL-33869-K02-R

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FAR-C4C FUJITSU-FAR-C4C Datasheet
78Kb / 9P
Piezoelectric Resonator (4 to 16 MHz)
FAR-C4CG FUJITSU-FAR-C4CG Datasheet
200Kb / 9P
Piezoelectric Resonator
FAR-C4CG-0800-M FUJITSU-FAR-C4CG-0800-M Datasheet
200Kb / 9P
Piezoelectric Resonator
FAR-C4CG-0800-M02 FUJITSU-FAR-C4CG-0800-M02 Datasheet
200Kb / 9P
Piezoelectric Resonator
FAR-C4CG-0800-M05 FUJITSU-FAR-C4CG-0800-M05 Datasheet
200Kb / 9P
Piezoelectric Resonator
More results

Similar Description - FAR-C4CL-33869-K02-R

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FAR-C3C FUJITSU-FAR-C3C Datasheet
73Kb / 9P
Piezoelectric Resonator (4 to 20 MHz)
FAR-C4C FUJITSU-FAR-C4C Datasheet
78Kb / 9P
Piezoelectric Resonator (4 to 16 MHz)
FAR-C4CN FUJITSU-FAR-C4CN Datasheet
61Kb / 9P
Piezoelectric Resonator (4 to 23.9 MHz)
FAR-C4SB-14746-L12-T FUJITSU-FAR-C4SB-14746-L12-T Datasheet
305Kb / 11P
Piezoelectric Resonator
FAR-C4CG-08000-M05 FUJITSU-FAR-C4CG-08000-M05 Datasheet
200Kb / 9P
Piezoelectric Resonator
logo
Murata Manufacturing Co...
CSTNE8M00G550000R0 MURATA-CSTNE8M00G550000R0 Datasheet
594Kb / 16P
Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G52A000R0 MURATA-CSTNE12M0G52A000R0 Datasheet
1,001Kb / 19P
Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G55Z000R0 MURATA-CSTNE12M0G55Z000R0 Datasheet
599Kb / 16P
Specification of Piezoelectric Ceramic Resonator
CSTNE12M0GH5L000R0 MURATA-CSTNE12M0GH5L000R0 Datasheet
602Kb / 16P
Specification of Piezoelectric Ceramic Resonator
CSTNE16M0V530000R0 MURATA-CSTNE16M0V530000R0 Datasheet
595Kb / 16P
Specification of Piezoelectric Ceramic Resonator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com