Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAR-M2DB Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # FAR-M2DB
Description  Piezoelectric VCO (4 to 30 MHz)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-M2DB Datasheet(HTML) 3 Page - fujitsu semiconductor

  FAR-M2DB Datasheet HTML 1Page - fujitsu semiconductor FAR-M2DB Datasheet HTML 2Page - fujitsu semiconductor FAR-M2DB Datasheet HTML 3Page - fujitsu semiconductor FAR-M2DB Datasheet HTML 4Page - fujitsu semiconductor FAR-M2DB Datasheet HTML 5Page - fujitsu semiconductor FAR-M2DB Datasheet HTML 6Page - fujitsu semiconductor FAR-M2DB Datasheet HTML 7Page - fujitsu semiconductor FAR-M2DB Datasheet HTML 8Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
M2 Series (F100)
s
ABSOLUTE MAXIMUM RATINGS (See WARNING)
WARNING: Permanent device damage may occur if the above Absolute Maximum Ratings are exceeded.
Functional operation should be restricted to the conditions as detailed in the operational sections of
this data sheet. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
s
RECOMMENDED OPERATING CONDITIONS
s
STANDARD FREQUENCIES
Parameter
Symbol
Rating
Unit
Power supply voltage
VCC
–0.5 to +7.0
V
Control voltage
VIN
–0.5 to +7.0
V
Operating temperature
Ta
–10 to +70
°C
Storage temperature
Tstg
–40 to +100
°C
Frequency range
—
+4 to +30
MHz
Parameter
Symbol
Value
Unit
Power supply voltage
VCC
+4.75 to +5.25
V
Control voltage
VIN
+0.0 to +5.0
V
Operating temperature
Ta
–10 to +70
°C
Frequency
Application
Part number
12.288 MHz
For audio
FAR-M2DB-12M288-F100
13.500 MHz
For video
FAR-M2DB-13M500-F100
14.318 MHz
For video
FAR-M2DB-14M318-F100
18.432 MHz
For audio
FAR-M2DB-18M432-F100
21.053 MHz
For video
FAR-M2DB-21M053-F100
24.576 MHz
For audio
FAR-M2DB-24M576-F100
25.175 MHz
For video
FAR-M2DB-25M175-F100
27.000 MHz
For video
FAR-M2DB-27M000-F100
28.636 MHz
For video
FAR-M2DB-27M636-F100



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com