Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP0015 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # FP0015
Description  POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

FP0015 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  FP0015 Datasheet HTML 1Page - Solid States Devices, Inc FP0015 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Symbol
Min
Typ
Max
Unit
Drain to Source Breakdown Voltage
(VGS = 0 V, ID = 1 mA)
∆BV
DSS
-100
––
––
Volts
Temperature Coefficient of Breakdown Voltage
∆BV
DSS
TJ
––
0.087
––
Volts
Drain to Source ON State Resistance
(VGS = -10 V)
ID = 11A
ID = 18A
RDS(on)
––
––
0.15
––
0.20
0.23
Ω
Gate Threshold Voltage
(VDS = VGS, ID = 250
µA)
VGS(th)
-2.0
––
-4.0
Volts
Forward Transconductance
(VDS > 10V, IDS = 11A)
gfs
6.1
8.0
––
S mho
Zero Gate Voltage Drain Current
(VDS = 80% rated VDS, VGS = 0 V)
(VDS = 80% rated VDS, VGS = 0 V, TA = 125
oC)
IDSS
––
––
––
––
25
250
µA
Gate to Source Leakage Forward
Gate to Source Leakage Reverse
At rated VGS
IgSS
––
––
––
––
-100
100
nA
Total Gate Charge
Gate to Source Charge
Gate to Drain Charge
VGS = -10 Volts
50% rated VDS
ID = -18 A)
Qg
Qgs
Qgd
31
––
7
50
3
25
70
15
45
nC
Turn ON Delay Time
Rise Time
Turn OFF Delay Time
Fall TIme
(VDD = 50% of
rated VDS
rated ID
RG = 9.1
Ω)
td(on)r
tr
td(off)
tf
––
––
––
––
15
8
35
20
35
85
85
65
ns
Diode Forward Voltage
(IS = rated ID, VGS = 0 V, TJ = 25
°C)
VSD
––
––
-4.2
Volts
Diode Reverse Recovery Time
Reverse Recovery Charge
TJ = 25
oC
IF = rated ID
di/dt = 100 A/
µsec
trr
QRR
––
––
170
––
280
3.6
ns
µC
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VGS = 0 Volts
VDS = -25 Volts
f = 1 MHz
Ciss
Coss
Crss
––
––
––
1400
600
200
1650
740
260
ns
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFF9140J



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com