Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR0016 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # FR0016
Description  P-Channel MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

FR0016 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  FR0016 Datasheet HTML 1Page - Solid States Devices, Inc FR0016 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
POWERShieldTM
Technology
PS-Hard Radiation Hardened MOSFETs
SFRC9130
__ B__
└ Screening 2/ __ = Commercial
TX = TX Level
TXV = TXV Level
S = S Level
└ Package:
S.5 = SMD.5
SFRC9130S.5B
10 AMP /100 Volts
300 m
Radiation Tolerant
P-Channel MOSFET
Features:
Advanced POWERShield
TM Technology
TID 100K Rad
Excellent high temperature stability
Hermetically Sealed Power Package
Low Total Gate Charge
Fast Switching
Replacement for IRHNJ9130 and F9130 types
Maximum Ratings
Symbol
Value
Units
Drain - Source Voltage
VDSS
-100
V
Gate – Source Voltage
VGS
±20
V
Max. Continuous Drain Current (package limited)
@ TC = 25ºC
@ TC = 100ºC
ID1
ID2
10
7
A
Max. Avalanche current
@ L= 5.0 mH
IAR
9.8
A
Repetitive Avalanche Energy
@ L= 5.0 mH
EAR
5.2
mJ
Single Pulse Avalanche Energy
@ L= 5.0 mH
EAS
320
mJ
Total Power Dissipation
@ TC = 25ºC
PD
75
W
Operating & Storage Temperature
TOP & TSTG
-55 to +150
ºC
Maximum Thermal Resistance
(Junction to Case)
R0JC
1.65
ºC/W
PACKAGE OUTLINE:
SMD.5
PINOUT:
PIN 1: DRAIN
PIN 2: SOURCE
PIN 3: GATE
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FR0016A
DOC
.145
.115
.304
.288
.408
.392
.304
.288
3x .020
.010
.030 MIN
.128
.112
.233
.217
2x .010
MAX
2x .103
.087
.030 MIN


Similar Part No. - FR0016

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FR0016 SSDI-FR0016_15 Datasheet
158Kb / 2P
P-Channel MOSFET
More results

Similar Description - FR0016

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
P-Channel MOSFET
AO3421 KEXIN-AO3421 Datasheet
1Mb / 4P
P-Channel MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com