Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLCC Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # LLCC
Description  Low Loss CWDM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

LLCC Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  LLCC Datasheet HTML 1Page - OPLINK Communications Inc. LLCC Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Green Low Loss CWDM
LLCC Series
S0022 - R06. (web) 20130104
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Interconnect Transmission HFC/RoF Subsystem
Ordering Information
Mechanical Drawing / Package Dimensions (dimension in mm)
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
* The tolerance of fiber length is +/-0.1m (for connector option only, without connector, just keep the length as minimum). 1 meter is standard.
The lead-time for special fiber length will be longer.
** For other wavelength plan, please contact Oplink’s sales department for further information.
Standard Package
Compact Package
Note: port assignment will vary due to different configuration, please contact Oplink’s sales department for further information.
LLCC
0
0
2
1310 Express Port
w/o Exp = 0
w/ Exp = 1
Spacing
CWDM Expansion Port
Channel Plan
Package & Fiber Jacket Type
Fiber Length*
8ch CWDM = 0
4ch w/o Exp = 1
4ch w/ Exp = 2
8ch CWDM = 00
4ch CWDM 1471~1531 = 01
4ch CWDM 1551~1611 = 02
4ch CWDM 1511~1571 = 03
4ch CWDM 1471/1491/1591/1611 = 04 **
Standard package w/ 250 μm bare fiber = S001
Standard package w/ 900 μm loose tube = S002
Compact package w/ 250 μm bare fiber = C001
0.5 meter= H
1.0 meter= 1
1.5 meter= 5
2.0 meter= 2
Connector
Type
20 nm = 2
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
ST = 8
LC/PC = 9
MU = A
LC/APC = B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com