Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MINI-SWDM Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # MINI-SWDM
Description  Mini Fused Single-Mode WDM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

MINI-SWDM Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  MINI-SWDM Datasheet HTML 1Page - OPLINK Communications Inc. MINI-SWDM Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
Mini SWDM Series
Premium
A Grade
B Grade
Unit
Operating Wavelength
970 - 990 / 1535 - 1565
nm
Insertion Loss [1]
(970 - 990nm / 1535 - 1565nm)
< 0.15
< 0.2
< 0.3
dB
Isolation
> 20
dB
Polarization Dependent Loss
< 0.1
dB
Directivity
> 55
dB
Maximum Power Handling
500
mW
Operating Temperature
0 to + 70
°C
Storage Temperature
- 40 to + 85
°C
Fiber Type
Corning HI980
Corning HI1060FLEX
Package Dimensions
P4: 250µm bare fiber
(Ø)3.0 (±0.1) x (L)40.0 (±1)
mm
Applications
Performance Specificationns
Note:
[1] Values are referenced without connector loss.
Port 1 Common
L
Ø
Port 2 Signal
Port 3 Pump
Port 4 (terminated for
1x2 configuration)
S0159 - R02. 20100824
Mini Fused Single-Mode WDM (980/1550nm)
Mini SWDM Series
Oplink’s mini 980/1550nm fused single-mode wavelength division multiplexers
provide high performance and high reliability with extremely compact package
size. The short length of the package provides real estate flexibility to EDFA
design.
Oplink can provide customized designs to meet specialized feature applications.
Also, Oplink offers modular assemblies that integrate other components to
form a full function module or subsystem.
Compact Package Size
Low Insertion Loss
High Isolation
Highly Stable & Reliable
EDFA & Raman Amplifiers
Laboratory R&D


Similar Part No. - MINI-SWDM

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MINI-SWFC OPLINK-MINI-SWFC Datasheet
391Kb / 3P
Mni Single Window Single Mode iber Coupler
More results

Similar Description - MINI-SWDM

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SWDM591SP004 OPLINK-SWDM591SP004 Datasheet
282Kb / 2P
Mini Fused Single-Mode WDM
SWDM531SP OPLINK-SWDM531SP Datasheet
284Kb / 2P
Fused Single-Mode WDM
SWDM541SP OPLINK-SWDM541SP Datasheet
277Kb / 2P
Fused Single-Mode WDM
SWDM591SP0016 OPLINK-SWDM591SP0016 Datasheet
274Kb / 2P
Fused Single-Mode WDM
SWDM53-S0166 OPLINK-SWDM53-S0166 Datasheet
172Kb / 2P
Fused Single-Mode WDM
SWDM54-S0167 OPLINK-SWDM54-S0167 Datasheet
284Kb / 2P
Fused Single-Mode WDM
SWDM59-S0168 OPLINK-SWDM59-S0168 Datasheet
172Kb / 2P
Fused Single-Mode WDM
SWDM53 OPLINK-SWDM53 Datasheet
172Kb / 2P
Fused Single-Mode WDM
SWDM54 OPLINK-SWDM54 Datasheet
284Kb / 2P
Fused Single-Mode WDM
SWDM59 OPLINK-SWDM59 Datasheet
172Kb / 2P
Fused Single-Mode WDM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com