Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLE130 Datasheet(PDF) 2 Page - New Jersey Semi-Conductor Products, Inc.

Part # CLE130
Description  UPGRADED SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

CLE130 Datasheet(HTML) 2 Page - New Jersey Semi-Conductor Products, Inc.

  CLE130 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. CLE130 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLE135, CLE130E, CLE130W
940nm High Efficiency GaAs/AlGaAs IREDs
Clairex
Technologies, Inc.
®
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
features
• higher power output
• cathode connected to case
• TO-46 header with three lens options
• different package styles provide
flexible design options
description
The original Clairex CLE130 series has
been upgraded. The new series
features current state of the art
GaAs/AlGaAs technology for increased
quantum efficiency. The chip substrate
is N type material resulting in the case
being common to the cathode. The
original configuration can still be
supplied as a special order. Three
different lens options are offered.
Contact Clairex for other electrical and
package options.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature
CLE135 and CLE130W ............................................................. -65°C to +150°C
CLE130E ................................................................................... -40°C to +125°C
operating temperature
CLE135 and CLE130W ............................................................. -65°C to +125°C
CLE130E ................................................................................... -40°C to +100°C
lead soldering temperature
(1) .........................................................................260°C
continuous forward current
(2) ....................................................................... 100mA
peak forward current (1.0ms pulse width, 10% duty cycle)................................. 1A
reverse voltage ................................................................................................... 5V
continuous power dissipation
(3)................................................................... 200mW
notes:
1.
0.06” (1.5mm) from the header for 5 seconds maximum.
2.
Derate linearly 0.80mA/°C from 25°C free air temperature to TA = +125°C.
3.
Derate linearly 1.60mW/°C from 25°C free air temperature to TA = +125°C.
electrical characteristics (TA = 25°C unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
CLE130 Series
VF
Forward voltage
-
1.5
1.8
V
IF = 100mA
IR
Reverse current
-
-
10
µA
VR = 3V
λp
Peak wavelength
-
940
-
nm
IF = 100mA
BW
Spectral bandwidth
-
50
-
nm
IF = 20mA
tr, tf
Output rise and fall time
-
700
-
ns
IF = 100mA
CLE130E
PO
Total output power
-
12.5
-
mW
IF = 100mA
PO
Total output power
2.0
2.5
-
mW
IF = 20mA
θHP
Emission angle at half power points
-
80
-
deg.
IF = 20mA
CLE130W
PO
Total output power
-
10
-
mW
IF = 100mA
PO
Total output power
1.5
2.0
-
mW
IF = 20mA
θHP
Emission angle at half power points
-
70
-
deg.
IF = 20mA
CLE135
PO
Total output power
-
10
-
mW
IF = 100mA
Ee
Irradiance
(4)
-
2.0
-
mW/cm
2
IF = 100mA
Ee
Irradiance
(4)
0.4
0.5
-
mW/cm
2
IF = 20mA
θHP
Emission angle at half power points
-
22
-
deg.
IF = 20mA
note: 4. Ee is a measure of irradiance (power/unit area) within a 0.444" (1.128cm) diameter area, centered on the
mechanical axis of the device and spaced 2.54" (6.45cm) from the lens side of the tab. This is geometrically
equivalent to a 10° cone.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com