Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET-READY Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # NET-READY
Description  Protection Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

NET-READY Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  NET-READY Datasheet HTML 1Page - OPLINK Communications Inc. NET-READY Datasheet HTML 2Page - OPLINK Communications Inc. NET-READY Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Oplink Communications, Inc
1+1 Net-Ready Platform
1+1 NET-Ready Optical Protection Switch
Parameter
Value
Unit
Operation Wavelength range (λ
Op)
O-, C- or L-band
1x2 Selector (switch)
Insertion loss
@ 23 °C, λ
Op (include 5% tap)
< 1.2
dB
Wavelength dependent (WDL)
< 0.2
dB
Temperature dependent loss (TDL, 0~70°C)
< 0.2
dB
Polarization dependent loss (PDL)
< 0.1
dB
Return loss (with connector)
> 45
dB
Channel cross talk
> 55
dB
Repeatability
<±0.05
dB
Optical switching time (from electrical trigger to 90% stable optical out-
put)
< 10 (typical = 3)
ms
Durability
> 10 million
cycles
1x2 Bridge (splitter)
Insertion Loss (over all λ
Op, TOp, and SOP)
< 3.6
dB
Wavelength dependent loss at a given temperature (WDL)
< 0.15
dB
Polarization dependent loss
< 0.1
dB
Directivity
> 50
dB
Return loss (with connectors)
> 45
dB
Optical input power monitoring range
- 30~10 typical
dBm
Optical power reading accuracy
<±1.0
dB
Operating temperature range
0 to 60
°C
Operating relative humidity
< 95%RH, non-condensing
Storage temperature range
-20 to 70
°C
Storage relative humidity
< 95%RH, non-condensing
1RU 19”and 23”rack mountable chassis
438 x 291 x 43.4
mm
Weight
approx. 3.5
kg
One RJ-11 RS232 craft interface
One RJ-45 (100M) Ethernet ports
48V DC power supply, dual A/B power for feed redundancy
100-240V AC power supply. Fan used for AC.
Power consumption < 4 W
SC/PC adaptor as optical interface or customer defined, single mode fiber SMF-28
[1] IL excludes connectors.
[2] All band (1260~1620nm) Ultra-flat 1x2 Switch and 50/50% Splitter are also available.
Performance Specification
Optical Performance
Environmental
Physical
Interface and Power



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com