Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OFMSSMD Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # OFMSSMD
Description  Add/Drop Optical Fiber Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

OFMSSMD Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  OFMSSMD Datasheet HTML 1Page - OPLINK Communications Inc. OFMSSMD Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OFMS
Ordering Information
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
Function Diagram
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
Dual 1x2 Switch
Dual 2x2 Add/Drop Switch
U
D
Package & Fiber Type
Mounting Type
Fiber Length
Wavelength
Switch Type
11 = P1 + 250μm bare fiber
22 = P2 + 900μm loose tube
0 = Dual-row pins on the bottom
1 = Single-row pins on the side with screw tabs
H = 0.5 meter
1 = 1.0 meter
5 = 1.5 meter
2 = 2.0 meter
D = 1310/1550nm
3 = 1310nm
E = C+L bands
0 = Latching
1 = Non-latching
Connector
Type
1 = None
2 = FC/PC
3 = FC/SPC
4 = FC/APC
5 = SC/PC
6 = SC/SPC
7 = SC/APC
8 = ST
9 = LC
A = MU
OFMS Series Single Mode Dual 1x2 and 2x2
Add/Drop Optical Fiber Switches
OFMSSMD Series
S0047 - R07 (web). 20100104
Dual
Type
12 = 1x2
22 = 2x2 Add/Drop



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com