Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-2018 Datasheet(PDF) 2 Page - ECS, Inc.

Part # ECS-2018
Description  OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-2018 Datasheet(HTML) 2 Page - ECS, Inc.

  ECS-2018 Datasheet HTML 1Page - ECS, Inc. ECS-2018 Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ECS-2018
SMD CLOCK OSCILLATOR
ECS-2018 (1.8V) subminiature SMD oscillators. Ideal for
todays's high density applications.
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
FREQUENCY
MHz
Package Data
Item
Description
CODE
Frequency Abbreviations
TAPE DIMENSIONS (mm)
3.579545
3.6864
4.000
6.000
7.3728
8.000
10.000
12.000
13.000
14.31818
14.7456
16.000
20.000
24.000
25.000
27.000
30.000
32.000
40.000
48.000
50.000
035
036
040
060
073
080
100
120
130
143
147.4
160
200
240
250
270
300
320
400
480
500
Lid
Metal
Ceramic
AuSn
Tungsten (metalized)
Compliant (Pb Free)
Gold/Nickel
(Surface)/(Under)
Base
Sealing
Terminal
Plating
RoHS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com