Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9700D013TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9700D013TR
Description  HEX PRECISION LIMITER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9700D013TR Datasheet(HTML) 2 Page - STMicroelectronics

  L9700D013TR Datasheet HTML 1Page - STMicroelectronics L9700D013TR Datasheet HTML 2Page - STMicroelectronics L9700D013TR Datasheet HTML 3Page - STMicroelectronics L9700D013TR Datasheet HTML 4Page - STMicroelectronics L9700D013TR Datasheet HTML 5Page - STMicroelectronics L9700D013TR Datasheet HTML 6Page - STMicroelectronics L9700D013TR Datasheet HTML 7Page - STMicroelectronics L9700D013TR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PIN CONNECTION
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
20
V
IIN
Input Current per Channel
30
mA
Tj, Tstg
Junction and Storage Temperature
–55 to 150
°C
Ptot
Total Power Dissipation (Tamb = 85
°C)
650
mW
THERMAL DATA
Symbol
Parameter
MINIDIP
SO8
Unit
Rth j-amb
Thermal Resistance Junction to Ambient
Max.
100
200
°C/W
ELECTRICAL CHARACTERISTICS (VCC = 5V, TJ = –40 to 125
°C unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.75
5.25
V
ICC
Supply Current
1.5
3
mA
Vcis
Static Input Clamping Voltage
Negative IIN = –10mA
Positive IIN = +10mA
–250
VCC
0
VCC+250
mV
IIN
Input Current (static)
VIN = 0
VIN = VCC
VIN = 50mV
VIN = VCC –50mV
15
15
5
5
µA
µA
µA
µA
Vcld (*)
Dynamic Input Clamping Voltage
IIN =
± 10mA, tR = 5ns
Positive Overshoot
Negative Overshoot
400
400
mV
mV
tS (*)
Setting Time
See fig. 2
20
ns
RIN (*)
Dynamic Input Resistance
5
Ω
(*) Design limits are guaranteed by statistical control on production samples over the indicated temperature and supply voltage
ranges. These limits are not used to calculate outgoing quality levels.
Note: The circuit is ESD protected according to MIL-STD-883C
L9700
2/8
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com