Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9700 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9700
Description  HEX PRECISION LIMITER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9700 Datasheet(HTML) 1 Page - STMicroelectronics

  L9700 Datasheet HTML 1Page - STMicroelectronics L9700 Datasheet HTML 2Page - STMicroelectronics L9700 Datasheet HTML 3Page - STMicroelectronics L9700 Datasheet HTML 4Page - STMicroelectronics L9700 Datasheet HTML 5Page - STMicroelectronics L9700 Datasheet HTML 6Page - STMicroelectronics L9700 Datasheet HTML 7Page - STMicroelectronics L9700 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
L9700
September 2000
HEX PRECISION LIMITER
.
HIGH
PERFORMANCE
CLAMPING
AT
GROUND AND POSITIVE REFERENCE
VOLTAGE
.
FAST ACTIVE CLAMPING
.
OPERATING RANGE 4.75 - 5.25 V
.
SINGLE VOLTAGE FOR SUPPLY AND POSITI-
VE REFERENCE
.
LOW QUIESCENT CURRENT
.
LOW INPUT LEAKAGE CURRENT
DESCRIPTION
The L9700 is a monolithic circuit which is suited for
input protection and voltage clamping purpose.
The limiting function is referred to ground and the
positive supply voltage.
One single element contains six independent chan-
nels.
Very fast speed is achieved by internal feedback
and the application of a new vertical PNP-transistor
with isolated collector.
ORDERING NUMBERS: L9700 (DIP)
L9700D (SO8)
MINIDIP
SO8
BLOCK DIAGRAM
1
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
®
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - L9700

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9700 STMICROELECTRONICS-L9700 Datasheet
97Kb / 7P
HEX PRECISION LIMITER
Nov-1990
L9700D-E STMICROELECTRONICS-L9700D-E Datasheet
322Kb / 14P
Hex precision limiter
05-Oct-2011
L9700DTR-E STMICROELECTRONICS-L9700DTR-E Datasheet
322Kb / 14P
Hex precision limiter
05-Oct-2011
More results

Similar Description - L9700

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9700 STMICROELECTRONICS-L9700 Datasheet
97Kb / 7P
HEX PRECISION LIMITER
Nov-1990
logo
Texas Instruments
LMP8646 TI1-LMP8646 Datasheet
492Kb / 23P
Precision Current Limiter
logo
List of Unclassifed Man...
27515 ETC2-27515 Datasheet
171Kb / 1P
Wiha Precision ESD Safe Hex Drivers
logo
NXP Semiconductors
74HC7014 PHILIPS-74HC7014_15 Datasheet
311Kb / 13P
Hex non-inverting precision Schmitt-trigger
Rev. 3-30 April 2014
logo
Texas Instruments
LMP8646 TI-LMP8646_15 Datasheet
1Mb / 31P
LMP8646 Precision Current Limiter
LMP8646 TI1-LMP8646_14 Datasheet
1Mb / 31P
Precision Current Limiter
logo
STMicroelectronics
L9700D-E STMICROELECTRONICS-L9700D-E Datasheet
322Kb / 14P
Hex precision limiter
05-Oct-2011
logo
Mini-Circuits
CLM-83-2W MINI-CLM-83-2W Datasheet
207Kb / 4P
Limiter
RLM-521-2WL MINI-RLM-521-2WL Datasheet
335Kb / 2P
Limiter
VLM-83-2W-S MINI-VLM-83-2W-S Datasheet
382Kb / 2P
Limiter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com