Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBP01 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LBP01
Description  LED bypass protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LBP01 Datasheet(HTML) 7 Page - STMicroelectronics

  LBP01 Datasheet HTML 1Page - STMicroelectronics LBP01 Datasheet HTML 2Page - STMicroelectronics LBP01 Datasheet HTML 3Page - STMicroelectronics LBP01 Datasheet HTML 4Page - STMicroelectronics LBP01 Datasheet HTML 5Page - STMicroelectronics LBP01 Datasheet HTML 6Page - STMicroelectronics LBP01 Datasheet HTML 7Page - STMicroelectronics LBP01 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LBP01
Ordering information
Doc ID 022950 Rev 1
7/8
5
Ordering information
6
Revision history
Table 5.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
LBP01-0803SC5
XT08
SOT23-5L
16 mg
3000
Tape and reel
LBP01-0810B
L08(1)
1.
The marking can be rotated by 90° to differentiate assembly location.
SMB
0.11 g
2500
Tape and reel
Table 6.
Document revision history
Date
Revision
Changes
20-Mar-2012
1
Initial release.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com