Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL153 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PL153
Description  .20 x .56 Thread-on Chisel Tip for Standard & DI Line Heaters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PL153 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PL153 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
29/10/2013
Catalog No. PL153 Product Detail
www.apexhandtools.com/brands/cf_files/model_detail.cfm?upc=037103036889
1/1
Weller
.20" x .56" Thread-on Chisel Tip for Standard & DI Line Heaters
Product Details
Catalog No.
PL153
UPC Code
037103036889
Fits Tool(s)
1/4 in. Thread-On SL Heaters
Tip Style
Chisel
Tip Width O/D
.2 in./5.08 mm
Tip
Thickness/Height/
I/D
.2 in./5.08 mm
Reach/Length
.56 in./14.22 mm
Packaging
Peg Hook/Retail Packaging
Tech. Spec.
Solder_Safety_Warnings.pdf
Lineart
PL153.pdf
Low Res. Image
PL153_100.jpg
High Res. Image
PL153_300.jpg
Stock Item
Normal Stock Item
Package Details (Dimensions)
Product Features:
Solid copper, plated with iron all over
Nickel and chromium behind the working surface
Use with heaters 360, 362, 363, 537S, 1237S, 4037S, 37UG
Designed to provide maximum heat transfer from the heater to the tip


Similar Part No. - PL153

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL15-CDA02 P-TEC-PL15-CDA02 Datasheet
30Kb / 1P
5MM (T1쩐) LED
PL15-CDG13 P-TEC-PL15-CDG13 Datasheet
30Kb / 1P
5MM (T1쩐) LED
PL15-CDG13 P-TEC-PL15-CDG13 Datasheet
35Kb / 1P
5MM (T1 3/4) LED
PL15-CDG13 P-TEC-PL15-CDG13_14 Datasheet
76Kb / 1P
Popular 5mm Low Profile Lens
PL15-CDR12 P-TEC-PL15-CDR12 Datasheet
30Kb / 1P
5MM (T1쩐) LED
More results

Similar Description - PL153

ManufacturerPart #DatasheetDescription
logo
HYES Optoelectronics, I...
HY202XX01 HYES-HY202XX01 Datasheet
170Kb / 1P
20 CHAR X 2 LINE
logo
Pasternack Enterprises,...
PE9952 PASTERNACK-PE9952 Datasheet
116Kb / 1P
BREAKOUT CRIMP ON FOR RG58 STACKING TIP PLUGS
PE9961 PASTERNACK-PE9961 Datasheet
88Kb / 1P
BREAKOUT, CRIMP ON FOR RG59, STACKING TIP PLUGS
logo
List of Unclassifed Man...
WPT2 ETC2-WPT2 Datasheet
35Kb / 1P
.079" Chisel Tip for WSTA3 and WPA2 Pyropen Soldering Tool
RSH300 ETC-RSH300 Datasheet
680Kb / 1P
SPACE HEATERS
FK14M ETC2-FK14M Datasheet
46Kb / 1P
Chisel tip penetration probe
logo
Amphenol Corporation
HTR-400 AMPHENOL-HTR-400 Datasheet
63Kb / 4P
Operates on standard line voltage
logo
Omron Electronics LLC
G3PJ OMRON-G3PJ Datasheet
3Mb / 11P
Solid State Relays for Heaters
logo
List of Unclassifed Man...
IPX182 ETC1-IPX182 Datasheet
256Kb / 2P
Smart Pressure Transmitter for Standard Thread Mounting
logo
Rohm
BD88030FV ROHM-BD88030FV Datasheet
1Mb / 29P
For Gas Water Heaters Interface IC
16.Feb.2022 Rev.001
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com